Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85263AT/A Datasheet(PDF) 26 Page - NXP Semiconductors

Part # PCF85263AT/A
Description  Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85263AT/A Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button PCF85263AT/A Datasheet HTML 22Page - NXP Semiconductors PCF85263AT/A Datasheet HTML 23Page - NXP Semiconductors PCF85263AT/A Datasheet HTML 24Page - NXP Semiconductors PCF85263AT/A Datasheet HTML 25Page - NXP Semiconductors PCF85263AT/A Datasheet HTML 26Page - NXP Semiconductors PCF85263AT/A Datasheet HTML 27Page - NXP Semiconductors PCF85263AT/A Datasheet HTML 28Page - NXP Semiconductors PCF85263AT/A Datasheet HTML 29Page - NXP Semiconductors PCF85263AT/A Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 92 page
background image
NXP Semiconductors
PCF85263A
Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
Timestamps work in both RTC and stop-watch mode. During battery operation, the
mechanical switch detector may also be used to trigger the timestamp.
The timestamp registers are read only and cannot be written. It is possible to set all three
registers to 0 with the CTS instruction in the Resets register (Section 7.15).
timer registers
RTC mode
seconds
minutes
:
years
stopwatch mode
seconds
minutes
:
999999 hours
timestamp
register
TSR1
timestamp
register
TSR2
timestamp
register
TSR3
TS pin
battery
switchover
mode
TSR1M[1:0]
mode
TSR2M[2:0]
mode
TSR3M[1:0]
flag
TSR1F
flag
TSR2F
flag
TSR3F
load
load
load
load
aaa-009595
Figure 17. Timestamp
The mode for each register is controlled by the TSR_mode register.
Bit
Symbol
Value
Description
Timestamp3 (TSR3)
timestamp register 3 mode
00 [1]
no timestamp
01
FB, record
First time switch to Battery event
10
LB, record
Last time switch to Battery event
7 to 6
TSR3M[1:0]
11
LV, record
Last time switch to VDD event
5
-
0
not used
Timestamp2 (TSR2)
timestamp register 2 mode
000 [1]
no timestamp
001
FB, record
First time switch to Battery event
4 to 2
TSR2M[2:0]
010
LB, record
Last time switch to Battery event
Table 19. TSR_mode - timestamp mode control register (address 23h) bit
description
PCF85263A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 5 — 1 February 2021
26 / 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com