Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85263AT/A Datasheet(PDF) 48 Page - NXP Semiconductors

Part # PCF85263AT/A
Description  Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85263AT/A Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button PCF85263AT/A Datasheet HTML 44Page - NXP Semiconductors PCF85263AT/A Datasheet HTML 45Page - NXP Semiconductors PCF85263AT/A Datasheet HTML 46Page - NXP Semiconductors PCF85263AT/A Datasheet HTML 47Page - NXP Semiconductors PCF85263AT/A Datasheet HTML 48Page - NXP Semiconductors PCF85263AT/A Datasheet HTML 49Page - NXP Semiconductors PCF85263AT/A Datasheet HTML 50Page - NXP Semiconductors PCF85263AT/A Datasheet HTML 51Page - NXP Semiconductors PCF85263AT/A Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 92 page
background image
NXP Semiconductors
PCF85263A
Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
In mechanical switch detector mode (TSIM = 1), the TS pin is sampled at a rate of 16 Hz
for a period of 30.5 μs. At the same time as the sample a pull-up resistor is activated to
detect an open pin or a pin shorted to VSS. The input is referenced to the internal power
supply. This mode operates when on VDD or VBAT. The pull-up resistor value can be
controlled by TSPULL bit in the Pin_IO register (see Section 7.12).
7.12.5.1 TS pin input mode
There are two input types which are controlled by the TSIM bit. The TS input can be used
to generate a timestamp event by configuring the timestamp mode bits; TSR2M[2:0] and
TSR1M[1:0] bits in TSR_mode register (see Table 19).
Also it is possible to use the TS pin to control counting of time. This is typically for use
with the stop-watch mode where an elapsed time counter function can be implemented.
Using the STOPM bit in the Function register (see Table 50) it is possible to control the
STOP bit by the TS pin.
7.12.6 INTAPM[1:0]: INTA pin mode control
Bit
Symbol
Value
Description
INTA pin mode
00 [1]
CLK output mode
01
battery mode indication
10
INTA output
1 to 0
INTAPM[1:0]
11
Hi-Z
Table 48. INTAPM[1:0] bits - Pin_IO control register (address 27h)
[1]
Default value.
The INTA pin can be used to output three different signals.
INTA (CLK)
battery mode
clock data
INTA data
aaa-010464
Figure 30. INTA pin
7.12.6.1 INTAPM[1:0]: INTA
The primary function of the INTA pin is to output INTA data. INTA data is controlled by the
bits of the INTA_enable register (see Table 28).
The output is active LOW with an open-drain output. The output is available during VDD
and VBAT operation.
7.12.6.2 INTAPM[1:0]: clock data
It is possible to output a clock frequency on the INTA pin. Clock frequency is selected
with the COF[2:0] bits in the Function register (Section 7.13). The output is active LOW
with an open-drain output. The output is available only during VDD operation. The output
is Hi-Z when operating from VBAT.
PCF85263A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 5 — 1 February 2021
48 / 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com