Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85263AT/A Datasheet(PDF) 57 Page - NXP Semiconductors

Part # PCF85263AT/A
Description  Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85263AT/A Datasheet(HTML) 57 Page - NXP Semiconductors

Back Button PCF85263AT/A Datasheet HTML 53Page - NXP Semiconductors PCF85263AT/A Datasheet HTML 54Page - NXP Semiconductors PCF85263AT/A Datasheet HTML 55Page - NXP Semiconductors PCF85263AT/A Datasheet HTML 56Page - NXP Semiconductors PCF85263AT/A Datasheet HTML 57Page - NXP Semiconductors PCF85263AT/A Datasheet HTML 58Page - NXP Semiconductors PCF85263AT/A Datasheet HTML 59Page - NXP Semiconductors PCF85263AT/A Datasheet HTML 60Page - NXP Semiconductors PCF85263AT/A Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 92 page
background image
NXP Semiconductors
PCF85263A
Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
The stop signal blocks the 8.192 kHz clock from generating system clocks and freezes
the time. In this state, the prescaler can be cleared with the CPR command in the Resets
register (Section 7.15).
Remark: The output of clock frequencies is not affected.
The time circuits can then be set and do not increment until the STOP bit is released.
The stop acts on the 8.192 kHz signal. And because the I2C-bus or TS pin input is
asynchronous to the crystal oscillator, the accuracy of restarting the time circuits is
between zero and one 8.192 kHz cycle (see Figure 33).
aaa-004417
0 µs to 122 µs
8192 Hz
stop released
Figure 33. STOP release timing
The first increment of the time circuits is between 0 s and 122 μs after STOP is released.
The flow for accurately setting the time in RTC mode is:
• start an I2C access at register 2Eh
• set STOP bit
• send CPR instruction
• address counter rolls over to address 00h
• set time (100th seconds, seconds to years)
• end I2C access
• wait for external time reference to indicate that time counting should start
• start an I2C access at register 2Eh
• clear STOP bit (time starts counting from now)
• end I2C access
The flow for resetting time in stop-watch mode is:
• start an I2C access at register 2Eh
• set STOP bit
• send CPR instruction
• address counter will roll over to address 00h
• set time to 000000:00:00.00
• end I2C access
8 I2C-bus interface
The I2C-bus is for bidirectional, two-line communication between different ICs. The two
lines are a Serial DAta line (SDA) and a Serial CLock line (SCL). Both lines must be
connected to a positive supply via a pull-up resistor. Data transfer may be initiated only
when the bus is not busy. Both data and clock lines remain HIGH when the bus is not
busy. The PCF85263A acts as a slave receiver when being written to and as a slave
transmitter when being read from.
Remark: When on VBAT power, the interface is not accessible.
PCF85263A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 5 — 1 February 2021
57 / 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com