Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85263AT/A Datasheet(PDF) 39 Page - NXP Semiconductors

Part # PCF85263AT/A
Description  Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85263AT/A Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button PCF85263AT/A Datasheet HTML 35Page - NXP Semiconductors PCF85263AT/A Datasheet HTML 36Page - NXP Semiconductors PCF85263AT/A Datasheet HTML 37Page - NXP Semiconductors PCF85263AT/A Datasheet HTML 38Page - NXP Semiconductors PCF85263AT/A Datasheet HTML 39Page - NXP Semiconductors PCF85263AT/A Datasheet HTML 40Page - NXP Semiconductors PCF85263AT/A Datasheet HTML 41Page - NXP Semiconductors PCF85263AT/A Datasheet HTML 42Page - NXP Semiconductors PCF85263AT/A Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 92 page
background image
NXP Semiconductors
PCF85263A
Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
Bit
Symbol
Value
Description
0 [1]
normal
1
reduced CLK output jitter; increase IDD
Table 32. LOWJ bit - oscillator control register (address 25h)...continued
[1]
Default value.
Oscillator circuits suffer from jitter. In particular, ultra low-power oscillators like the one
used in the PCF85263A are optimized for power and not jitter. By setting the LOWJ bit,
the jitter performance can be improved at the cost of power consumption.
7.10.5 OSCD[1:0]: quartz oscillator drive control
Bit
Symbol
Value
Description
oscillator drive bits
00 [1]
normal drive; RS(max): 100 kΩ
01
low drive; RS(max): 60 kΩ; reduced IDD
3 to 2
OSCD[1:0]
10, 11
high drive; RS(max): 500 kΩ; increased IDD
Table 33. OSCD[1:0] bits - oscillator control register (address 25h)
[1]
Default value.
The oscillator is designed to be used with quartz with a series resistance up to 100 kΩ.
This covers the typical range of 32.768 kHz quartz crystals. Series resistance is also
referred to as: ESR, motional resistance, or RS.
A low drive mode is available for low series resistance quartz. This reduces the current
consumption.
For very high series resistance quartz, there is a high drive mode. Current consumption
increases substantially in this mode.
7.10.6 CL[1:0]: quartz oscillator load capacitance
Bit
Symbol
Value
Description
internal oscillator capacitor selection for
quartz crystals with the corresponding load
capacitance of CL:
00 [1]
7.0 pF
01
6.0 pF
10
12.5 pF
1 to 0
CL[1:0]
11
12.5 pF
Table 34. CL[1:0] bits - oscillator control register (address 25h)
[1]
Default value.
CL refers to the load capacitance of the oscillator circuit and allows for a certain amount
of package and PCB parasitic capacitance. When the oscillator circuit matches the CL
parameter of the quartz, then the frequency offset is zero.
PCF85263A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 5 — 1 February 2021
39 / 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com