Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85263AT/A Datasheet(PDF) 56 Page - NXP Semiconductors

Part # PCF85263AT/A
Description  Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85263AT/A Datasheet(HTML) 56 Page - NXP Semiconductors

Back Button PCF85263AT/A Datasheet HTML 52Page - NXP Semiconductors PCF85263AT/A Datasheet HTML 53Page - NXP Semiconductors PCF85263AT/A Datasheet HTML 54Page - NXP Semiconductors PCF85263AT/A Datasheet HTML 55Page - NXP Semiconductors PCF85263AT/A Datasheet HTML 56Page - NXP Semiconductors PCF85263AT/A Datasheet HTML 57Page - NXP Semiconductors PCF85263AT/A Datasheet HTML 58Page - NXP Semiconductors PCF85263AT/A Datasheet HTML 59Page - NXP Semiconductors PCF85263AT/A Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 92 page
background image
NXP Semiconductors
PCF85263A
Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
7.15.3 CTS: clear timestamp
The timestamp registers (address 11h to 22h) can be set to all 0 with this instruction.
7.16 Stop_enable register
Bit
Symbol
Value
Description
-
0000 000
not used
STOP bit
0 [1]
RTC clock runs
7 to 1
0
STOP
1
RTC clock is stopped
Table 62. Stop_enable - control of STOP bit (address 2Eh)
[1]
Default value.
The STOP bit stops the time from counting in both RTC mode and stop-watch mode. For
RTC mode STOP is useful to set the time accurately. For stop-watch mode it is the start/
stop control for the watch.
The counter can also be controlled from the TS pin by configuring STOPM in the
Function register (Section 7.13). The internal stop signal is a combination of STOP and
the TS pin state.
STOP bit
TS pin [1] [2]
stop signal
Counter
1
-
1
stopped
-
1
1
stopped
0
0
0
running
Table 63. Counter stop signal
[1]
Requires STOPM and TSPM[1:0] to be configured.
[2]
TSL = 0 (active HIGH) (Pin_IO register, address 27h).
aaa-010477
OSCILLATOR
OSCILLATOR STOP
DETECTOR
setting the OS flag
div 4
32768 Hz
8192 Hz
stop(1)
PRESCALER
RESET
0
1
100 Hz tick
1 Hz tick
CPR
1. stop is a combination of STOP register bit and the TS pin when programmed for stop control.
Figure 32. CPR and STOP bit functional diagram
PCF85263A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 5 — 1 February 2021
56 / 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com