Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85263AT/A Datasheet(PDF) 33 Page - NXP Semiconductors

Part # PCF85263AT/A
Description  Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85263AT/A Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button PCF85263AT/A Datasheet HTML 29Page - NXP Semiconductors PCF85263AT/A Datasheet HTML 30Page - NXP Semiconductors PCF85263AT/A Datasheet HTML 31Page - NXP Semiconductors PCF85263AT/A Datasheet HTML 32Page - NXP Semiconductors PCF85263AT/A Datasheet HTML 33Page - NXP Semiconductors PCF85263AT/A Datasheet HTML 34Page - NXP Semiconductors PCF85263AT/A Datasheet HTML 35Page - NXP Semiconductors PCF85263AT/A Datasheet HTML 36Page - NXP Semiconductors PCF85263AT/A Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 92 page
background image
NXP Semiconductors
PCF85263A
Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
Measure the frequency on pin CLKOUT:
fmeas
Convert to time:
tmeas = 1 / fmeas
Calculate the difference to the ideal
period of 1 / 32768.00:
Dmeas = 1 / 32768 - tmeas
Calculate the ppm deviation compared
to the measured value:
Eppm = 1000000 × Dmeas / tmeas
Calculate the offset register value:
OFFM = 0 (low power):
Offset value = Eppm / 2.17
OFFM = 1 (fast correction)
Offset value = Eppm / 2.0345
aaa-009636
sample calculation:
32768.28 Hz
30.517320 µs
0.000260 µs
8.51975 ppm
3.926
4 correction pulses
are needed
4.188
4 correction pulses
are needed
Figure 20. Offset calibration calculation workflow
0
1
2
3
4
5
6
7
8
-2
-1
aaa-009637
(3)
(2)
(1)
measured/calculated
deviation 8.51975 ppm
deviation after
correction in
OFFM = 1
+0.382 ppm
deviation after
correction in
OFFM = 0
-0.160 ppm
9
With the offset calibration an accuracy of ±1 ppm (0.5 × offset per LSB) can be reached (see
Table 24).
±1 ppm corresponds to a time deviation of 0.0864 seconds per day.
1. 4 correction pulses in OFFM = 0 correspond to -8.680 ppm.
2. 4 correction pulses in OFFM = 1 correspond to -8.138 ppm.
3. Reachable accuracy zone.
Figure 21. Result of offset calibration
PCF85263A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 5 — 1 February 2021
33 / 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com