Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85263AT/A Datasheet(PDF) 86 Page - NXP Semiconductors

Part # PCF85263AT/A
Description  Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85263AT/A Datasheet(HTML) 86 Page - NXP Semiconductors

Back Button PCF85263AT/A Datasheet HTML 82Page - NXP Semiconductors PCF85263AT/A Datasheet HTML 83Page - NXP Semiconductors PCF85263AT/A Datasheet HTML 84Page - NXP Semiconductors PCF85263AT/A Datasheet HTML 85Page - NXP Semiconductors PCF85263AT/A Datasheet HTML 86Page - NXP Semiconductors PCF85263AT/A Datasheet HTML 87Page - NXP Semiconductors PCF85263AT/A Datasheet HTML 88Page - NXP Semiconductors PCF85263AT/A Datasheet HTML 89Page - NXP Semiconductors PCF85263AT/A Datasheet HTML 90Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 92 page
background image
NXP Semiconductors
PCF85263A
Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
Document ID
Release date
Data sheet status
Change notice
Supersedes
PCF85263A v.3
20150116
Product data sheet
-
PCF85263A v.2
Modifications:
• Corrected Figure 36, Section 2
• Corrected Vth values in Table 67
• Added ESD values of PCF85263AT in Table 66
PCF85263A v.2
20140710
Product data sheet
-
PCF85263A v.1
PCF85263A v.1
20140418
Product data sheet
-
-
Table 73. Revision history...continued
[1]
The die paddle (exposed pad) is connected to VSS through high ohmic (non-conductive) silicon attach and should be electrically isolated. It is good
engineering practice to solder the exposed pad to an electrically isolated PCB copper pad as shown in Figure 46 for better heat transfer but it is not
required as the RTC doesn’t consume much power. In no case should traces be run under the package exposed pad.
[2]
Default values. The duty cycle of the CLKOUT when outputting 32,768 Hz could change from 60:40 to 40:60 depending on the detector since the 32,768
Hz is derived from the oscillator output which is not perfect. It could change from device to device and it depends on the silicon diffusion. There is nothing
that can be done from outside the chip to influence the duty cycle.
[3]
For reliable oscillator start-up at power-on use VDD greater than 1.2 V. If powered up at 0.9 V the oscillator will start but it might be a bit slow, especially if
at high temperature. Normally the power supply is not 0.9 V at start-up and only comes at the end of battery discharge. VDD min of 0.9 V is specified so
that the customer can calculate how large a battery or capacitor they need for their application. VDD min of 1.2 V or greater is needed to ensure speedy
oscillator start-up time.
[4]
400 kHz I2C operation is production tested at 1.8 V. Design methodology allows I2C operation at 1.8 V - 5 % (1.71 V) which has been verified during
product characterization on a limited number of devices.
PCF85263A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 5 — 1 February 2021
86 / 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com