Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW3518S Datasheet(PDF) 2 Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

Part # SW3518S
Description  Total Solution Include PD for Dual Ports Fast Charge Application
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISMARTWARE [ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD]
Direct Link  https://www.ismartware.com/
Logo ISMARTWARE - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

SW3518S Datasheet(HTML) 2 Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

  SW3518S Datasheet HTML 1Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3518S Datasheet HTML 2Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3518S Datasheet HTML 3Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3518S Datasheet HTML 4Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3518S Datasheet HTML 5Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3518S Datasheet HTML 6Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3518S Datasheet HTML 7Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3518S Datasheet HTML 8Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3518S Datasheet HTML 9Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
SW3518S
Dual Ports Fast Charge Application
Copyright © 2022, ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD.
May, 2022 - DS031_v1.6
2
4. Functional Block Diagram
Buck
Module
DMA
DPA
22uH
5mΩ
220uF
100uF
10uF
Control
Loop
BST
VIN
SW
CSPC
CSNC
COMP
NTC
Module
NTC
VDD
Internal
Power
VDRV
VIN Port
VIN
GND
VBUS
GND
DM
DP
VBUS
DM
DP
GND
EPAD
1uF
0.1uF
LGATE
1uF
2.2nF
20K
CC1
CC2
CC1
CC2
100pF
Power
Path
IDA
ID
10uF
Type-A
5mΩ
10uF
10uF
Type-C
DMC
DPC
GATEC
VBUSA
VBUSC
GATEA
0.1uF
0.1uF
HGATE
CSPA
CSNA
CSPC
CSNC
CSPA
CSNA
22uF
Fast
Charge
Protocol
CC1
CC2
DPA
DMA
CC1
CC2
DPA
DMA
DPC
DMC
DPC
DMC
IDA
IDA
FLED
103AT
GATEA
GATEA
GATEC
GATEC
VBUSA
VBUSA
VBUSC
VBUSC
DGND
2K
VDD
10K
VDD
FLED
PWR_LED
2K
2K
330pF
330pF
VOUT
Rcs
Rcs
I2C
SCK
SDA
MCU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com