Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW3518S Datasheet(PDF) 4 Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

Part # SW3518S
Description  Total Solution Include PD for Dual Ports Fast Charge Application
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISMARTWARE [ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD]
Direct Link  https://www.ismartware.com/
Logo ISMARTWARE - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

SW3518S Datasheet(HTML) 4 Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

  SW3518S Datasheet HTML 1Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3518S Datasheet HTML 2Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3518S Datasheet HTML 3Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3518S Datasheet HTML 4Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3518S Datasheet HTML 5Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3518S Datasheet HTML 6Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3518S Datasheet HTML 7Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3518S Datasheet HTML 8Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3518S Datasheet HTML 9Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
SW3518S
Dual Ports Fast Charge Application
Copyright © 2022, ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD.
May, 2022 - DS031_v1.6
4
10
VBUSC
Type-C port load detect pin.
11
VBUSA
Type-A port load detect pin.
12
VDD
Internal power.
13
DGND
Digital ground.
14
VDRV
Driver power.
15
BST
Bootstrap pin for high side NMOS.
16
LGATE
Low side NMOS driver.
17
HGATE
High side NMOS driver.
18
SW
Switching node.
19
VIN
Input power.
20
SDA
I2c data.
21
SCK
I2c clock.
22
GATEC
Type-C port power path control pin.
23
GATEA
Type-A port power path control pin.
24
NTC
Negative temperature coefficient (NTC) thermistor input.
25
COMP
External compensation pin.
26
IDA
Type-A port ID pin.
27
DPA
Type-A port DP pin.
28
DMA
Type-A port DM pin.
EPAD
Exposed pad.
6. Absolute Maximum Ratings
Parameters
Symbol
MIN
MAX
UNIT
Input Voltage
VIN
-0.3
50
V
Output Voltage
CSPA/CSNA/CSPC/
CSNC/VBUSA/VBUSC
-0.3
30
V
SW Voltage
SW
-0.3
40
V
BST/HGATE Voltage
BST/HGATE-SW
-0.3
6
V
Power Path Control Voltage
GATEA/GATEC
-0.3
27
V
Other Pin Voltage
-0.3
6
V
Junction Temperature
-40
+150
°C
Storage Temperature Range
-60
+150
°C
ESD(HBM)
-4
+4
KV
【
Notice 】 Stresses beyond those listed under absolute maximum ratings may cause
permanent damage to the device. These are stress ratings only, and functional operation of the
device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended
periods my affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com