Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW3518S Datasheet(PDF) 1 Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

Part # SW3518S
Description  Total Solution Include PD for Dual Ports Fast Charge Application
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISMARTWARE [ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD]
Direct Link  https://www.ismartware.com/
Logo ISMARTWARE - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

SW3518S Datasheet(HTML) 1 Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

  SW3518S Datasheet HTML 1Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3518S Datasheet HTML 2Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3518S Datasheet HTML 3Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3518S Datasheet HTML 4Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3518S Datasheet HTML 5Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3518S Datasheet HTML 6Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3518S Datasheet HTML 7Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3518S Datasheet HTML 8Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3518S Datasheet HTML 9Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
SW3518S
Dual Ports Fast Charge Application
Copyright © 2022, ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD.
May, 2022 - DS031_v1.6
1
Total Solution Include PD for Dual Ports Fast
Charge Application
1. General Description
The SW3518S is a highly integrated power management IC for dual ports fast charge application,
and supports dual ports of Type-C and Type-A. It integrates 5A synchronous buck, PPS/ PD/ QC/
AFC/FCP/SCP/PE/SFCP/VOOC fast charge protocol, PD 100W(20V@5A) maximum output power,
CC/CV mode and dual ports controller. With simple external components, The SW3518S provides
a turn-key high efficiency solution for dual ports fast charge application.
2. Applications
• Car Charge
• Adapter
3. Features
• Synchronous Buck
➢ Current up to 5A
➢ Input Voltage 6~36V
➢ Support CC/CV Mode
➢ Support Dual Ports Current Limited
➢ Support Wire Drop Compensation
➢ Thermal Regulation
• Output Fast Charge Protocol
➢ Support PPS/PD3.0/PD2.0
➢ Support QC4+/QC4/QC3.0/QC2.0
➢ Support AFC
➢ Support FCP
➢ Support SCP
➢ Support PE2.0/PE1.1
➢ Support SFCP
➢ Support VOOC
• Type-C Interface
➢ Support USB Type-C Specification
➢ Support DFP Role
• BC1.2 Module
➢ Support BC1.2 DCP
➢ Support Apple & Samsung Device
• Fast Charge LED
➢ Support Fast Charge LED Driver
• Protection
➢ Softstart
➢ Input Over Voltage Protection
➢ Input Under Voltage Protection
➢ Output Over Current Protection
➢ Output Short Protection
➢ Over Temperature Protection
• I2C Interface
• QFN-28(4x4mm) Package


Similar Part No. - SW3518S

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
SW3518-VI TTELEC-SW3518-VI Datasheet
304Kb / 2P
UNITED KINGDOM 3-PIN PLUG-IN POWER SUPPLY 5VDC 8WATT
23/06/2020
More results

Similar Description - SW3518S

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2554 ANALOGICTECH-AAT2554 Datasheet
1Mb / 33P
Total Power Solution for Portable Applications
AAT2552 ANALOGICTECH-AAT2552 Datasheet
1Mb / 33P
Total Power Solution for Portable Applications
AAT2601 ANALOGICTECH-AAT2601 Datasheet
1Mb / 38P
Total Power Solution for Portable Applications
AAT2550 ANALOGICTECH-AAT2550_08 Datasheet
782Kb / 34P
Total Power Solution for Portable Applications
AAT2552 ANALOGICTECH-AAT2552_08 Datasheet
829Kb / 31P
Total Power Solution for Portable Applications
AAT2603 ANALOGICTECH-AAT2603 Datasheet
4Mb / 26P
Total Power Solution for Portable Applications
AAT3601 ANALOGICTECH-AAT3601_08 Datasheet
987Kb / 37P
Total Power Solution for Portable Applications
AAT2603 ANALOGICTECH-AAT2603_08 Datasheet
3Mb / 26P
Total Power Solution for Portable Applications
logo
Skyworks Solutions Inc.
AAT2550 SKYWORKS-AAT2550 Datasheet
2Mb / 34P
Total Power Solution for Portable Applications
AAT2554 SKYWORKS-AAT2554 Datasheet
2Mb / 31P
Total Power Solution for Portable Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com