Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW3518S Datasheet(PDF) 5 Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

Part # SW3518S
Description  Total Solution Include PD for Dual Ports Fast Charge Application
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISMARTWARE [ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD]
Direct Link  https://www.ismartware.com/
Logo ISMARTWARE - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

SW3518S Datasheet(HTML) 5 Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

  SW3518S Datasheet HTML 1Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3518S Datasheet HTML 2Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3518S Datasheet HTML 3Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3518S Datasheet HTML 4Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3518S Datasheet HTML 5Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3518S Datasheet HTML 6Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3518S Datasheet HTML 7Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3518S Datasheet HTML 8Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3518S Datasheet HTML 9Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
SW3518S
Dual Ports Fast Charge Application
Copyright © 2022, ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD.
May, 2022 - DS031_v1.6
5
7. Recommended Operating Conditions
Parameters
Symbol
MIN
Typical
MAX
UNIT
Input Voltage
VIN
5
36
V
8. Electrical Characteristics
(VIN = 12V, TA = 25°C, unless otherwise specified.)
Parameters
Symbol
Test Conditions
MIN
TYP
MAX
UNIT
Power Supply
VIN Input Voltage
VIN
5
36
V
VIN Input UVLO Threshold
VIN_UVLO
VIN Voltage Falling
4.9
5
5.1
V
VIN Input UVLO Hysteresis
VIN_UVLO_HYS
VIN Voltage Rising
0.85
1
1.15
V
VIN Input OVP Threshold
VIN_OVP
VIN Voltage Rising
36
37.5
39
V
VIN Input OVP Hysteresis
VIN_OVP_HYS
VIN Voltage Falling
1.2
1.5
1.8
V
VDD Output Voltage
VDD
VIN=12V
4.9
5
5.1
V
VDD Output current
IDD
VIN=12V
50
mA
VDRV Output Voltage
VDRV
VIN=12V
4.9
5
5.1
V
Quiescent Current
IQ
VIN=12V, IOUT=0mA
2
4
mA
Synchronous Buck
Switching Frequency
FCHG
110
125
140
KHz
Output Voltage
VOUT
VOUT=5V
5.0
5.1
5.2
V
VOUT=9V
8.9
9.1
9.3
V
VOUT=12V
11.7
12.1
12.3
V
VOUT=15V
14.6
15.1
15.4
VOUT=20V
19.5
20.1
20.5
V
CC Current Limited
ICC
RCS=5mΩ
Single Port
3.0
3.3
3.6
A
Dual Ports
2.4
2.7
3.0
A
Wire Drop Compensation
VOUT_WDC
RCS=5mΩ
50
65
80
mV/A
Thermal Regulation Threshold
TREGU_CHG
105
120
135
Light Load Detect
Light Load Current
ILIGHT_LOAD
RCS=5mΩ
10
15
25
mA
Light Load Time
tLIGHT_LOAD
1.5
2
3
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com