Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW3518S Datasheet(PDF) 7 Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

Part # SW3518S
Description  Total Solution Include PD for Dual Ports Fast Charge Application
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISMARTWARE [ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD]
Direct Link  https://www.ismartware.com/
Logo ISMARTWARE - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

SW3518S Datasheet(HTML) 7 Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

Back Button SW3518S Datasheet HTML 3Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3518S Datasheet HTML 4Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3518S Datasheet HTML 5Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3518S Datasheet HTML 6Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3518S Datasheet HTML 7Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3518S Datasheet HTML 8Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3518S Datasheet HTML 9Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3518S Datasheet HTML 10Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3518S Datasheet HTML 11Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
SW3518S
Dual Ports Fast Charge Application
Copyright © 2022, ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD.
May, 2022 - DS031_v1.6
7
9.2. Power Path
The SW3518S supports Type-A+Type-C dual ports output, and each port supports fast charge output.
Type-A port supports QC3.0/QC2.0/AFC/FCP/SCP/PE2.0/PE1.1/SFCP/VOOC fast charge output.
Type-C port supports PPS/ PD3.0/ PD2.0/ QC4+/ QC4/ QC3.0 /QC2.0/ AFC /FCP/ SCP/ PE2.0/ PE1.1/
SFCP fast charge output.
Type-A port turns on and outputs 5V while Type-C port turns off in default mode. When single port
outputs, it supports fast charge output. When dual ports outputs, it supports 5V output and current
limiting for each port.
When load inserts, Type-A port will turn on to power supply extern device. When Single port outputs,
Type-A port will return to default mode and output 5V if light load detection; When dual ports output,
Type-A port will turn off if light load detection. The light load current will be about 15mA.When SINK
is attached, Type-C port will turn on to supply device. When SINK is detached, or light load is detected,
Type-C port will turn off.
9.3. Type C Interface
The SW3518S integrates Type-C logic controller and supports DFP/SOURCE role. When UFP is
attached, Type-C port will automatically turn on to supply device. When UFP is detached, Type-C port
will automatically turn off.
When SINK is attached and Type-C port turns on , the SW3518S will broadcast power level of 3A.
9.4. PD Fast Charge
The SW3518S integrates PPS/PD3.0/PD2.0 fast charge protocol. PPS supports 3.3~21V@3A output
voltage. PD3.0/PD2.0 supports 5V/9V/12V/15V@3A、20V@5A output voltage, and 100W maximum
output power.
9.5. QC Fast Charge
The SW3518S integrates QC4+/QC4/QC3.0/QC2.0 fast charge protocol. It supports Class A/Class B,
while QC2.0 supporting 5V/9V/12V/20V output voltage and QC3.0 supporting 3.6V~20V output
voltage, 200mV/Step.
QC2.0/QC3.0 will output voltage base on DP/DM voltage:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com