Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW3518S Datasheet(PDF) 6 Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

Part # SW3518S
Description  Total Solution Include PD for Dual Ports Fast Charge Application
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISMARTWARE [ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD]
Direct Link  https://www.ismartware.com/
Logo ISMARTWARE - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

SW3518S Datasheet(HTML) 6 Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

Back Button SW3518S Datasheet HTML 2Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3518S Datasheet HTML 3Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3518S Datasheet HTML 4Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3518S Datasheet HTML 5Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3518S Datasheet HTML 6Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3518S Datasheet HTML 7Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3518S Datasheet HTML 8Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3518S Datasheet HTML 9Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3518S Datasheet HTML 10Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
SW3518S
Dual Ports Fast Charge Application
Copyright © 2022, ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD.
May, 2022 - DS031_v1.6
6
9. Functional Description
9.1. Synchronous Buck
The SW3518S integrates a high efficiency synchronous buck with output current up to 5A and
efficiency up to 95%(VIN=12V, VOUT=5V, IOUT=5A).
The synchronous buck works in PSM/PWM mode with switching frequency of 125KHz. It works in
PSM mode when in light load and in PWM mode in heavy load to make a better efficiency. It will
automatically change in these two modes base on output current.
The synchronous buck supports CC/CV mode. When output current is lower than CC limited current,
output voltage will keep constant. When output current reaches CC limited current, output voltage
will drop to keep output current constant. When single port outputs, CC limited current is set to
3.3A. When dual ports outputs, CC limited current is set to 2.7A for each port.
The synchronous buck supports wire drop compensation. Output voltage will linear increase
according to output current and the increased voltage is 65mV/A.
The synchronous buck integrates thermal regulation. When die temperature rises to 120℃, output
voltage will automatically fall down so as die temperature stop increasing. If die temperature still rises
to 150℃, buck will stop and turn off. When die temperature falls to thermal shutdown hysteresis, buck
will automatically restart.
The synchronous buck integrates input over voltage, input under voltage, output over current and short
protection.
Type-C
CC Current Source
ICC_SOURCE
Power Level=3.0A
310
330
350
uA
BC1.2
DP/DM Voltage
DP
Apple 2.4A Mode
2.55
2.7
2.85
V
DM
Apple 2.4A Mode
2.55
2.7
2.85
V
PE
Current Threshold
IREF
150
250
350
mA
Quit Time
tPLUG_OUT
160
200
240
mS
I2C
Rate
fCLK
100
400
Kbit/S
Thermal Shutdown
Thermal Shutdown Threshold
TSHDT
Temperature Rising
135
150
165
Thermal Shutdown Hysteresis
TSHDT_HYS
Temperature Falling
35
50
65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com