Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW3518S Datasheet(PDF) 10 Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

Part # SW3518S
Description  Total Solution Include PD for Dual Ports Fast Charge Application
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISMARTWARE [ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD]
Direct Link  https://www.ismartware.com/
Logo ISMARTWARE - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

SW3518S Datasheet(HTML) 10 Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

Back Button SW3518S Datasheet HTML 6Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3518S Datasheet HTML 7Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3518S Datasheet HTML 8Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3518S Datasheet HTML 9Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3518S Datasheet HTML 10Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3518S Datasheet HTML 11Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3518S Datasheet HTML 12Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3518S Datasheet HTML 13Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW3518S Datasheet HTML 14Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
SW3518S
Dual Ports Fast Charge Application
Copyright © 2022, ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD.
May, 2022 - DS031_v1.6
10
9.15. I2C Interface
The SW3518S integrates I2C interface, and supports 100K/400K rate.
Read Timing:
Slave address :0x3C
Register address: 0xB0
Write Timing:
Slave address :0x3C
Register address: 0xB0
wr
ack
ack
1st step
2nd step
3rd step
SCL
SDA
D7
D6
D5
D4
D3
D2
D1
D0
ack
S
P
SDA
SCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com