Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABP Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # ABP
Description  High Accuracy Digital or Analog Output Compensated/Amplified
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

ABP Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  ABP Datasheet HTML 1Page - Honeywell Solid State Electronics Center ABP Datasheet HTML 2Page - Honeywell Solid State Electronics Center ABP Datasheet HTML 3Page - Honeywell Solid State Electronics Center ABP Datasheet HTML 4Page - Honeywell Solid State Electronics Center ABP Datasheet HTML 5Page - Honeywell Solid State Electronics Center ABP Datasheet HTML 6Page - Honeywell Solid State Electronics Center ABP Datasheet HTML 7Page - Honeywell Solid State Electronics Center ABP Datasheet HTML 8Page - Honeywell Solid State Electronics Center ABP Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
sensing.honeywell.com
Basic Amplified Board Mount Pressure Sensors
The Basic Amplified ABP Series is a piezoresistive silicon pressure sensor offering a ratiometric analog or digital output for
reading pressure over the specified full scale pressure span and temperature range.
The ABP Series is fully calibrated and temperature compensated for sensor offset, sensitivity, temperature effects and accuracy
errors (which include non-linearity, repeatability and hysteresis) using an on-board Application Specific Integrated Circuit (ASIC).
Calibrated output values for pressure are updated at approximately 1 kHz for analog and 2 kHz for digital.
The ABP Series is calibrated over the temperature range of 0 °C to 50 °C [32 °F to 122 °F]. The sensor is characterized for
operation from a single power supply of either 3.3 Vdc or 5.0 Vdc. These sensors measure gage and differential pressures.
The Basic Amplified pressure sensors are intended for use with non-corrosive, non-ionic gases, such as air and other dry gases.
The following options extend the performance of these sensors to non-corrosive liquids.
•
No silicone gel coating: The input port is limited to non-corrosive, non-ionic media such as dry air and gases and should not
be exposed to condensation. The gases are limited to media that are compatible with high temperature polyamide, silicone,
alumina ceramic, silicon, gold, and glass.
•
Silicone gel coating: Uses the same materials in the wetted media path but is protected from condensation by a silicone-
based gel coating; allows use in applications where condensation may occur.
All products are designed and manufactured according to ISO 9001 standards.
STABILITY • ACCURACY • FLEXIBILITY • SMALL SIZE
Features
•
Proprietary Honeywell technology
•
Protected by multiple global patents
•
Industry-leading long-term stability: ±0.25 %FSS
•
Total Error Band (TEB): ±1.5 %FSS
•
Industry-leading accuracy: ±0.25 %FSS BFSL
•
High burst pressures
•
Industry-leading flexibility
•
Wide pressure range: 60 mbar to 10 bar | 6 kPa to 1 MPa | 1 psi to 150 psi
•
Meets IPC/JEDEC J-STD-020D.1 Moisture Sensitivity Level 1 requirements
•
Optional internal diagnostic functions
•
Energy efficient
•
Output: ratiometric analog; I2C- or SPI-compatible 14-bit digital output
(min. 12-bit sensor resolution)
•
Small size: As small as 8 mm x 7 mm
•
REACH and RoHS compliant
•
Sleep mode option (see Technical Note)
•
Temperature output option
•
Liquid media option
,
Table of Contents
General Specifications . . . . . . . . . . . . . . . . . . . 3
Operating Specifications . . . . . . . . . . . . . . . . . 4
Transfer Function Limits . . . . . . . . . . . . . . . . . . 5
Nomenclature and Order Guide . . . . . . . . . . . . 6
Pressure Range Specifications . . . . . . . . . . 7-8
PCB Layouts . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Dimensional Drawings:
DIP Packages . . . . . . . . . . . . . . . . . . . . . . 9-10
SMT Packages . . . . . . . . . . . . . . . . . . . .11-12
Leadless SMT Packages . . . . . . . . . . . . . . . 13
Additional Information . . . . . . . . . . . . back page
Potential Applications
MEDICAL
•
CPAP
•
Blood analysis
•
Blood pressure monitoring
•
Breast pumps
•
Drug dosing
•
Hospital beds
•
Massage machines
•
Oxygen concentrators
•
Patient monitoring
•
Sleep apnea equipment
•
Urine analyzers
•
Ventilators/portable ventilators
•
Wound therapy
INDUSTRIAL
•
Air brakes
•
HVAC/transmitters
•
Life sciences
•
Material handling
•
Pneumatic control
•
Pneumatic regulator
•
Process gas monitoring
•
Valve positioning and positioners
COMMERCIAL
•
Air beds
•
Coffee makers
•
Washing machines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com