Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABP Datasheet(PDF) 7 Page - Honeywell Solid State Electronics Center

Part # ABP
Description  High Accuracy Digital or Analog Output Compensated/Amplified
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

ABP Datasheet(HTML) 7 Page - Honeywell Solid State Electronics Center

Back Button ABP Datasheet HTML 3Page - Honeywell Solid State Electronics Center ABP Datasheet HTML 4Page - Honeywell Solid State Electronics Center ABP Datasheet HTML 5Page - Honeywell Solid State Electronics Center ABP Datasheet HTML 6Page - Honeywell Solid State Electronics Center ABP Datasheet HTML 7Page - Honeywell Solid State Electronics Center ABP Datasheet HTML 8Page - Honeywell Solid State Electronics Center ABP Datasheet HTML 9Page - Honeywell Solid State Electronics Center ABP Datasheet HTML 10Page - Honeywell Solid State Electronics Center ABP Datasheet HTML 11Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
sensing.honeywell.com
Table 7. Pressure Range Specifications
Pressure
Range
(see Figure 3)
Pressure
Range
Unit
Overpressure1
Burst Pressure2
Common Mode
Pressure3
Total Error Band4
(%FSS)
Long-term Stability
1000 hr, 25 °C
(%FSS)
Pmin. Pmax.
60 mbar to 10 bar
Differential
060MD
-60
60
mbar
850
1000
10000
±1.5
±0.25
100MD
-100
100
mbar
1400
2500
10000
±1.5
±0.25
160MD
-160
160
mbar
1400
2500
10000
±1.5
±0.25
250MD
-250
250
mbar
1400
2500
10000
±1.5
±0.25
400MD
-400
400
mbar
2000
4000
10000
±1.5
±0.25
600MD
-600
600
mbar
2000
4000
10000
±1.5
±0.25
001BD
-1
1
bar
4
8
10
±1.5
±0.25
1.6BD
-1.6
1.6
bar
8
16
10
±1.5
±0.25
2.5BD
-2.5
2.5
bar
8
16
10
±1.5
±0.25
004BD
-4.0
4.0
bar
16
17
10
±1.5
±0.25
Gage
060MG
0
60
mbar
850
1000
5450
±1.5
±0.25
100MG
0
100
mbar
850
1000
10000
±1.5
±0.25
160MG
0
160
mbar
850
1000
10000
±1.5
±0.25
250MG
0
250
mbar
1400
2500
10000
±1.5
±0.25
400MG
0
400
mbar
2000
4000
10000
±1.5
±0.25
600MG
0
600
mbar
2000
4000
10000
±1.5
±0.25
001BG
0
1
bar
2
4
10
±1.5
±0.25
1.6BG
0
1.6
bar
4
8
10
±1.5
±0.25
2.5BG
0
2.5
bar
8
16
10
±1.5
±0.25
004BG
0
4
bar
8
16
16
±1.5
±0.25
006BG
0
6
bar
17
17
17
±1.5
±0.25
010BG
0
10
bar
17
17
17
±1.5
±0.25
Pressure Range Specifications
6 kPa to 1 MPa
Differential
006KD
-6
6
kPa
85
100
1000
±1.5
±0.25
010KD
-10
10
kPa
140
250
1000
±1.5
±0.25
016KD
-16
16
kPa
140
250
1000
±1.5
±0.25
025KD
-25
25
kPa
140
250
1000
±1.5
±0.25
040KD
-40
40
kPa
200
400
1000
±1.5
±0.25
060KD
-60
60
kPa
200
400
1000
±1.5
±0.25
100KD
-100
100
kPa
400
800
1000
±1.5
±0.25
160KD
-160
160
kPa
800
1600
1000
±1.5
±0.25
250KD
-250
250
kPa
800
1600
1000
±1.5
±0.25
400KD
-400
400
kPa
1600
1700
1000
±1.5
±0.25
Gage
006KG
0
6
kPa
85
100
545
±1.5
±0.25
010KG
0
10
kPa
85
100
1000
±1.5
±0.25
016KG
0
16
kPa
85
100
1000
±1.5
±0.25
025KG
0
25
kPa
140
250
1000
±1.5
±0.25
040KG
0
40
kPa
200
400
1000
±1.5
±0.25
060KG
0
60
kPa
200
400
1000
±1.5
±0.25
100KG
0
100
kPa
200
400
1000
±1.5
±0.25
160KG
0
160
kPa
400
800
1000
±1.5
±0.25
250KG
0
250
kPa
800
1600
1000
±1.5
±0.25
400KG
0
400
kPa
800
1600
1600
±1.5
±0.25
600KG
0
600
kPa
1700
1700
1700
±1.5
±0.25
001GG
0
1
MPa
1.7
1.7
1.7
±1.5
±0.25
1
Overpressure: The maximum pressure which may safely be applied to the product for it to remain in specification once pressure is returned to the operating pressure range. Exposure
to higher pressures may cause permanent damage to the product. Unless otherwise specified this applies to all available pressure ports at any temperature with the operating
temperature range.
2
Burst pressure: The maximum pressure that may be applied to any port of the product without causing escape of pressure media. Product should not be expected to function after
exposure to any pressure beyond the burst pressure.
3
Common mode pressure: The maximum pressure that can be applied simultaneously to both ports of a differential pressure sensor without causing changes in specified
performance.
4
Total Error Band: The maximum deviation from the ideal transfer function over the entire compensated temperature and pressure range. Includes all errors due to offset, full scale
span, pressure non-linearity, pressure hysteresis, repeatability, thermal effect on offset, thermal effect on span, and thermal hysteresis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com