Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABP Datasheet(PDF) 5 Page - Honeywell Solid State Electronics Center

Part # ABP
Description  High Accuracy Digital or Analog Output Compensated/Amplified
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

ABP Datasheet(HTML) 5 Page - Honeywell Solid State Electronics Center

  ABP Datasheet HTML 1Page - Honeywell Solid State Electronics Center ABP Datasheet HTML 2Page - Honeywell Solid State Electronics Center ABP Datasheet HTML 3Page - Honeywell Solid State Electronics Center ABP Datasheet HTML 4Page - Honeywell Solid State Electronics Center ABP Datasheet HTML 5Page - Honeywell Solid State Electronics Center ABP Datasheet HTML 6Page - Honeywell Solid State Electronics Center ABP Datasheet HTML 7Page - Honeywell Solid State Electronics Center ABP Datasheet HTML 8Page - Honeywell Solid State Electronics Center ABP Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
sensing.honeywell.com
Transfer Function Limits
Figure 2. Transfer Function Limits1
Analog Versions
Digital Versions
1
Transfer Function “A” is shown. See Figure 3 for other available transfer function options.
0
10
20
30
40
50
60
70
80
90
100
1
2
3456
7
8
9 10
1.5% Total Error Band
0
Pmin.
Pmax.
Compensated Pressure Range
Pressure (example unit)
0.8 x Vsupply
Pmax. – Pmin.
Output (V) =
x (Pressureapplied – Pmin.) + 0.10 x Vsupply
Ideal
80%
Pmax. – Pmin.
Output (% of 214 counts) =
x (Pressureapplied – Pmin.) + 10%
0
10
20
30
40
50
60
70
80
90
100
1
23456
7
8
9 10
Pressure (example unit)
0
Pmin.
Pmax.
Compensated Pressure Range
1.5% Total Error Band
Ideal
Figure 1.Temperature Output Option Temperature Error1, 2
1
Operating temperature range: The temperature range over which the sensor will produce an output proportional to pressure.
2
Compensated temperature range: The temperature range over which the sensor will produce an output proportional to pressure within the specified
performance limits.
Temperature (°C)
0
85
-40
0
-1.5
-2.5
1.5
2.5
50
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com