Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABP Datasheet(PDF) 3 Page - Honeywell Solid State Electronics Center

Part # ABP
Description  High Accuracy Digital or Analog Output Compensated/Amplified
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

ABP Datasheet(HTML) 3 Page - Honeywell Solid State Electronics Center

  ABP Datasheet HTML 1Page - Honeywell Solid State Electronics Center ABP Datasheet HTML 2Page - Honeywell Solid State Electronics Center ABP Datasheet HTML 3Page - Honeywell Solid State Electronics Center ABP Datasheet HTML 4Page - Honeywell Solid State Electronics Center ABP Datasheet HTML 5Page - Honeywell Solid State Electronics Center ABP Datasheet HTML 6Page - Honeywell Solid State Electronics Center ABP Datasheet HTML 7Page - Honeywell Solid State Electronics Center ABP Datasheet HTML 8Page - Honeywell Solid State Electronics Center ABP Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
sensing.honeywell.com
General Specifications
Table 1. Absolute Maximum Ratings1
Characteristic
Min.
Max.
Unit
Supply voltage (V
supply)
-0.3
6.0
Vdc
Voltage on any pin
-0.3
V
supply + 0.3
V
Digital interface clock frequency:
I2C
SPI
100
50
400
800
kHz
ESD susceptibility (human body model)
2
—
kV
Storage temperature
-40 [-40]
85 [185]
°C [°F]
Soldering time and temperature:
lead solder temperature (DIP)
peak reflow temperature (Leadless SMT, SMT)
4 s max. at 250 °C [482 °F]
15 s max. at 250 °C [482 °F]
1
Absolute maximum ratings are the extreme limits the device will withstand without damage.
Table 2. Environmental Specifications
Characteristic
Parameter
Humidity (Gases only; see “Options N and D” in Figure 2.)
0% to 95% RH, non-condensing
Vibration
15 g, 10 Hz to 2 kHz
Shock
100 g, 6 ms duration
Life1
1 million pressure cycles minimum
Solder reflow
J-STD-020-D.1 Moisture Sensitivity Level 1
(unlimited shelf life when stored at <30 °C/85 % RH)
1
Life may vary depending on specific application in which the sensor is used.
Table 4. Sensor Pressure Types
Pressure Type
Description
Gage
Output is proportional to the difference between applied pressure and atmospheric (ambient) pressure.
Differential
Output is proportional to the difference between the pressures applied to each port (Port 1 – Port 2).
Table 3. Wetted Materials1
Component
Pressure Port
No SIlicone Gel Coating Option
Silicone Gel Coating Option
Ports and covers
high temperature polyamide
Substrate
alumina ceramic
NOTnot exposed; protected by silicone gel
Adhesives
epoxy, silicone
epoxy
Electronic components
ceramic, silicon, glass, solder, gold
not exposed; protected by silicone gel
1
Contact Honeywell Customer Service for detailed material information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com