Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABP Datasheet(PDF) 8 Page - Honeywell Solid State Electronics Center

Part # ABP
Description  High Accuracy Digital or Analog Output Compensated/Amplified
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

ABP Datasheet(HTML) 8 Page - Honeywell Solid State Electronics Center

Back Button ABP Datasheet HTML 4Page - Honeywell Solid State Electronics Center ABP Datasheet HTML 5Page - Honeywell Solid State Electronics Center ABP Datasheet HTML 6Page - Honeywell Solid State Electronics Center ABP Datasheet HTML 7Page - Honeywell Solid State Electronics Center ABP Datasheet HTML 8Page - Honeywell Solid State Electronics Center ABP Datasheet HTML 9Page - Honeywell Solid State Electronics Center ABP Datasheet HTML 10Page - Honeywell Solid State Electronics Center ABP Datasheet HTML 11Page - Honeywell Solid State Electronics Center ABP Datasheet HTML 12Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
sensing.honeywell.com
Pressure Range Specifications
PCB Pad Layouts
Table 7. Pressure Range Specifications (continued)
Pressure
Range
(see Figure 3)
Pressure
Range
Unit
Overpressure1
Burst Pressure2
Common Mode
Pressure3
Total Error Band4
(%FSS)
Long-term Stability
1000 hr, 25 °C
(%FSS)
Pmin. Pmax.
1 psi to 150 psi
Differential
001PD
-1
1
psi
10
15
150
±1.5%
±0.25%
005PD
-5
5
psi
30
40
150
±1.5%
±0.25%
015PD
-15
15
psi
60
120
150
±1.5%
±0.25%
030PD
-30
30
psi
120
240
150
±1.5%
±0.25%
060PD
-60
60
psi
250
250
250
±1.5%
±0.25%
Gage
001PG
0
1
psi
10
15
150
±1.5%
±0.25%
005PG
0
5
psi
30
40
150
±1.5%
±0.25%
015PG
0
15
psi
30
60
150
±1.5%
±0.25%
030PG
0
30
psi
60
120
150
±1.5%
±0.25%
060PG
0
60
psi
120
240
250
±1.5%
±0.25%
100PG
0
100
psi
250
250
250
±1.5%
±0.25%
150PG
0
150
psi
250
250
250
±1.5%
±0.25%
1
Overpressure: The maximum pressure which may safely be applied to the product for it to remain in specification once pressure is returned to the operating pressure range. Exposure
to higher pressures may cause permanent damage to the product. Unless otherwise specified this applies to all available pressure ports at any temperature with the operating
temperature range.
2
Burst pressure: The maximum pressure that may be applied to any port of the product without causing escape of pressure media. Product should not be expected to function after
exposure to any pressure beyond the burst pressure.
3
Common mode pressure: The maximum pressure that can be applied simultaneously to both ports of a differential pressure sensor without causing changes in specified
performance.
4
Total Error Band: The maximum deviation from the ideal transfer function over the entire compensated temperature and pressure range. Includes all errors due to offset, full scale
span, pressure non-linearity, pressure hysteresis, repeatability, thermal effect on offset, thermal effect on span, and thermal hysteresis.
Table 8. Pinouts
Output Type
Pin 1
Pin 2
Pin 3
Pin 4
Pin 5
Pin 6
Digital (I2C, SPI)
GND
V
DD
SS/INT
NC
SDA
SCL
Analog
GND
NC
V
out
NC
NC
V
DD
Figure 4. Recommended PCB Layouts
DIP
SMT
Leadless SMT
5,00
[0.197]
6,00
[0.236]
2,54
[0.1]
2,73
[0.107]
8,00
[0.315]
11,00
[0.433]
8,85
[0.348]
12,35
[0.315]
1
2
3
65
4
0,65
[0.026]
Gage reference hole: do not plug
11,0
[0.433]
12
3
6
54
5,00
[0.197]
6,00
[0.236]
6X
ø0.73
[0.029]
2,54
[0.1]
2,73
[0.107]
8,00
[0.315]
11,25
[0.443]
Gage reference hole: do not plug
7,00
[0.28]
3,00
[0.118]
2,50
[0.098]
2,73
[0.107]
8,00
[0.315]
4,00
[0.157]
3,25
0.128]
8,00
[0.315]
1,30
[0.051]
12
3
65
4
Gage reference hole: do not plug



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com