Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABP Datasheet(PDF) 6 Page - Honeywell Solid State Electronics Center

Part # ABP
Description  High Accuracy Digital or Analog Output Compensated/Amplified
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

ABP Datasheet(HTML) 6 Page - Honeywell Solid State Electronics Center

Back Button ABP Datasheet HTML 2Page - Honeywell Solid State Electronics Center ABP Datasheet HTML 3Page - Honeywell Solid State Electronics Center ABP Datasheet HTML 4Page - Honeywell Solid State Electronics Center ABP Datasheet HTML 5Page - Honeywell Solid State Electronics Center ABP Datasheet HTML 6Page - Honeywell Solid State Electronics Center ABP Datasheet HTML 7Page - Honeywell Solid State Electronics Center ABP Datasheet HTML 8Page - Honeywell Solid State Electronics Center ABP Datasheet HTML 9Page - Honeywell Solid State Electronics Center ABP Datasheet HTML 10Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
sensing.honeywell.com
Figure 3. Nomenclature and Order Guide
Nomenclature and Order Guide
ABP D N N
N
1 5 0 P G
A
A
3
Product Series
Package
Pressure Port
DIP
ABP Amplified Basic
Option
SMT
NN
Leadless SMT
AN
LN
Single axial
barbed port
Single axial
barbless port
No port
NN
AN
LN
Single axial
barbed port
Single axial
barbless port
No port
NN
AN
LN
Single axial
barbed port
Single axial
barbless port
No port
D DIP (Dual Inline Pin)
M SMT (Surface Mount Technology)
L Leadless SMT
Output Type
Supply Voltage
For example,
ABPDNNN150PGAA3 denes an ABP Series Ampli ed Basic Pressure Sensor, DIP package, NN pressure port, dry
gases only, no diagnostics,150 psi gage pressure range, analog output type, 10% to 90% of Vsupply (analog), 214 counts (digital)
transfer function, no temperature output, no sleep mode, 3.3 Vdc supply voltage
.
Pressure Range2, 3
3 3.3 Vdc
5 5.0 Vdc
1
The transfer function limits define the output of the sensor at a given pressure input.
By specifying Pmin. and Pmax., the output at Pmin. and Pmax., the complete transfer
function of the sensor is defined. See the graphical representations of the transfer
function in Figure 2 of the product datasheet.
2
Custom pressure ranges are available. Contact Honeywell Customer Service for more
information.
3
See the explanation of sensor pressure types in Table 4 of the product datasheet.
1 psi to 150 psi
60 mbar to 10 bar
Differential
Differential
Gage
001PD
005PD
015PD
030PD
060PD
Gage
001PG
005PG
015PG
030PG
060PG
100PG
150PG
060MD
100MD
160MD
250MD
400MD
600MD
001BD
1.6BD
2.5BD
004BD
060MG
100MG
160MG
250MG
400MG
600MG
001BG
1.6BG
2.5BG
004BG
006BG
010BG
±60 mbar
±100 mbar
±160 mbar
±250 mbar
±400 mbar
±600 mbar
±1 bar
±1.6 bar
±2.5 bar
±4 bar
0 mbar to 60 mbar
0 mbar to 100 mbar
0 mbar to 160 mbar
0 mbar to 250 mbar
0 bar to 400 mbar
0 bar to 600 mbar
0 bar to 1 bar
0 bar to 1.6 bar
0 bar to 2.5 bar
0 bar to 4 bar
0 bar to 6 bar
0 bar to 10 bar
6 kPa to 1 MPa
Differential
Gage
006KD
010KD
016KD
025KD
040KD
060KD
100KD
160KD
250KD
400KD
006KG
010KG
016KG
025KG
040KG
060KG
100KG
160KG
250KG
400KG
600KG
001GG
±6 kPa
±10 kPa
±16 kPa
±25 kPa
±40 kPa
±60 kPa
±100 kPa
±160 kPa
±250 kPa
±400 kPa
0 kPa to 6 kPa
0 kPa to 10 kPa
0 kPa to 16 kPa
0 kPa to 25 kPa
0 kPa to 40 kPa
0 kPa to 60 kPa
0 kPa to 100 kPa
0 kPa to 160 kPa
0 kPa to 250 kPa
0 kPa to 400 kPa
0 kPa to 600 kPa
0 kPa to 1 MPa
0 psi to 1 psi
0 psi to 5 psi
0 psi to 15 psi
0 psi to 30 psi
0 psi to 60 psi
0 psi to 100 psi
0 psi to 150 psi
±1 psi
±5 ps
i
±15 psi
±30 psi
±60 psi
Transfer Function1
A 10% to 90% of Vsupply (analog), 2
14
counts (digital)
no temperature output, no sleep mode
A
S
0
1
2
3
Analog
SPI
I2C, Address 0x08
I2C, Address 0x18
I2C, Address 0x28
I2C, Address 0x38
N Dry gases only, no diagnostics
Dry gases only, diagnostics on
D
Silicone gel coating, no diagnostics
T
Silicone gel coating, diagnostics on
V
D
S 10% to 90% of 214 counts (digital only)
no temperature output, sleep mode enabled
4
5
6
7
8
9
I2C, Address 0x48
I2C, Address 0x58
I2C, Address 0x68
I2C, Address 0x78
I2C, Address 0x88
I2C, Address 0x98
ABPLLND060MGAA3
ABPLLNN600MGAA3
ABPMANN005PGAA3
ABPMANN004BGAA5
ABPMLNN001PGAA3
ABPMANN030PG2A3
ABPDLNN100MG2A3
ABPDANN005PG2A3
COMMON CATALOG LISTINGS
JN Single radial
barbless port
JN Single radial
barbless port
JJ Dual radial
barbless ports,
same side
JJ Dual radial
barbless ports,
same side
RN Single radial
barbed port
RN Single radial
barbed port
RR Dual radial
barbed ports,
same side
RR Dual radial
barbed ports,
same side
10% to 90% of 214 counts (digital only)
temperature output enabled, sleep mode enabled
008289-2-EN IL50
August 2015
Copyright © 2015 Honeywell International Inc. All Rights Reserved.
Basic Board Mount Pressure Sensors
ABP Series—High Accuracy
Digital or Analog Output, Compensated/Amplied
ABPMAND001PG2A3
ABPLANN001PG2A5
ABPDANT005PGAA5
ABPDANT015PGAA5
ABPLLNT010BGAA5
ABPDJJT001PGAA5
ABPDRRT005PG2A5
ABPMJJT015PGAA5
T 10% to 90% of 2
14
counts (digital only)
temperature output enabled, no sleep mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com