Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABP Datasheet(PDF) 4 Page - Honeywell Solid State Electronics Center

Part # ABP
Description  High Accuracy Digital or Analog Output Compensated/Amplified
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

ABP Datasheet(HTML) 4 Page - Honeywell Solid State Electronics Center

  ABP Datasheet HTML 1Page - Honeywell Solid State Electronics Center ABP Datasheet HTML 2Page - Honeywell Solid State Electronics Center ABP Datasheet HTML 3Page - Honeywell Solid State Electronics Center ABP Datasheet HTML 4Page - Honeywell Solid State Electronics Center ABP Datasheet HTML 5Page - Honeywell Solid State Electronics Center ABP Datasheet HTML 6Page - Honeywell Solid State Electronics Center ABP Datasheet HTML 7Page - Honeywell Solid State Electronics Center ABP Datasheet HTML 8Page - Honeywell Solid State Electronics Center ABP Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
sensing.honeywell.com
Table 5. Operating Specifications
Characteristic
Analog
Digital
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Supply voltage (V
supply):
1, 2, 3
3.3 Vdc
5.0 Vdc
3.0
4.75
3.3
5.0
3.6
5.25
3.0
4.75
3.3
5.0
3.6
5.25
Vdc
Supply current:
3.3 Vdc
5.0 Vdc
sleep mode option
—
—
—
2.1
2.7
—
2.8
3.8
—
—
—
—
3.1
3.7
1
3.9
4.6
10
mA
mA
µA
Operating temperature range4
-40 [-40]
—
85 [185]
-40 [-40]
—
85 [185]
°C [°F]
Compensated temperature range5
0 [-32]
—
50 [122]
0 [-32]
—
50 [122]
°C [°F]
Temperature output option6
—
—
—
—
1.5
—
°C
Startup time (power up to data ready)
—
—
5
—
—
3
ms
Response time
—
1
—
—
0.46
—
ms
Clipping limit:
upper
lower
—
2.5
—
—
97.5
—
—
—
—
—
—
—
%Vsupply
SPI/I2C voltage level:
low
high
—
—
—
—
—
—
—
80
—
—
20
—
%Vsupply
Pull up on SDA/MISO, SCL/SCLK, SS
—
—
—
1
—
—
kOhm
Accuracy7
—
—
±0.25
—
—
±0.25
%FSS BFSL8
Output resolution
0.03
—
—
—
—
—
—
12
—
—
—
—
%FSS
bits
1
Sensors are either 3.3 Vdc or 5.0 Vdc based on the catalog listing selected.
2
Ratiometricity of the sensor (the ability of the device output to scale to the supply voltage) is achieved within the specified operating voltage.
3
The sensor is not reverse polarity protected. Incorrect application of supply voltage or ground to the wrong pin may cause electrical failure.
4
Operating temperature range: The temperature range over which the sensor will produce an output proportional to pressure.
5
Compensated temperature range: The temperature range over which the sensor will produce an output proportional to pressure within the specified
performance limits.
6
Temperature Output Option: Continuous operation in Sleep Mode only may provide different results.
7
Accuracy: The maximum deviation in output from a Best Fit Straight Line (BFSL) fitted to the output measured over the pressure range at 25 °C [77 °F]. Includes
all errors due to pressure non-linearity, pressure hysteresis, and non-repeatability.
8
Full Scale Span (FSS): The algebraic difference between the output signal measured at the maximum (Pmax.) and minimum (Pmin.) limits of the pressure range.
(See Figure 3 for ranges.)
Operating Specifications
Table 6. Sensor Output at Significant Percentages (Digital Versions Only)
% Output
Digital Counts
decimal
hex
0
0
0x0000
10
1638
0x0666
50
8192
0x2000
90
14746
0x399A
100
16383
0x3FFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com