Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F101R4 Datasheet(PDF) 46 Page - STMicroelectronics

Part # STM32F101R4
Description  Low-density access line, ARM®-based 32 bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101R4 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button STM32F101R4 Datasheet HTML 42Page - STMicroelectronics STM32F101R4 Datasheet HTML 43Page - STMicroelectronics STM32F101R4 Datasheet HTML 44Page - STMicroelectronics STM32F101R4 Datasheet HTML 45Page - STMicroelectronics STM32F101R4 Datasheet HTML 46Page - STMicroelectronics STM32F101R4 Datasheet HTML 47Page - STMicroelectronics STM32F101R4 Datasheet HTML 48Page - STMicroelectronics STM32F101R4 Datasheet HTML 49Page - STMicroelectronics STM32F101R4 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 87 page
background image
Electrical characteristics
STM32F101x4, STM32F101x6
46/87
DocID15058 Rev 6
time. Refer to the crystal resonator manufacturer for more details on the resonator
characteristics (frequency, package, accuracy).
Note:
For CL1 and CL2 it is recommended to use high-quality ceramic capacitors in the 5 pF to
15 pF range selected to match the requirements of the crystal or resonator. CL1 and CL2,
are usually the same size. The crystal manufacturer typically specifies a load capacitance
which is the series combination of CL1 and CL2.
Load capacitance CL has the following formula: CL = CL1 x CL2 / (CL1 + CL2) + Cstray
where Cstray is the pin capacitance and board or trace PCB-related capacitance. Typically, it
is between 2 pF and 7 pF.
Caution:
To avoid exceeding the maximum value of CL1 and CL2 (15 pF) it is strongly recommended
to use a resonator with a load capacitance CL
≤ 7 pF. Never use a resonator with a load
capacitance of 12.5 pF.
Example: if resonator with a load capacitance of CL = 6 pF, and Cstray = 2 pF is chosen,
then CL1 = CL2 = 8 pF.
Table 22. LSE oscillator characteristics (fLSE = 32.768 kHz)(1) (2)
Symbol
Parameter
Conditions
-
Min
Typ
Max
Unit
RF
Feedback resistor
-
-
-
5
-
M
Ω
C
Recommended load capacitance
versus equivalent serial
resistance of the crystal (RS)
RS = 30 KΩ
--
-
15
pF
I2
LSE driving current
VDD = 3.3 V
VIN = VSS
--
-
1.4
µA
gm
Oscillator transconductance
-
-
5
-
-
µA/V
tSU(LSE)(3) Startup time
VDD is
stabilized
TA = 50 °C
-
1.5
-
s
TA = 25 °C
-
2.5
-
TA = 10 °C
-
4
-
TA = 0 °C
-
6
-
TA = -10 °C
-
10
-
TA = -20 °C
-
17
-
TA = -30 °C
-
32
-
TA = -40 °C
-
60
-
1. Based on characterization, not tested in production.
2. Refer to the note and caution paragraphs below the table, and to the application note AN2867 “Oscillator design guide for
ST microcontrollers”.
3.
tSU(LSE) is the startup time measured from the moment it is enabled (by software) to a stabilized 32.768 kHz oscillation is
reached. This value is measured for a standard crystal and it can vary significantly with the crystal manufacturer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com