Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F101R4 Datasheet(PDF) 37 Page - STMicroelectronics

Part # STM32F101R4
Description  Low-density access line, ARM®-based 32 bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101R4 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STM32F101R4 Datasheet HTML 33Page - STMicroelectronics STM32F101R4 Datasheet HTML 34Page - STMicroelectronics STM32F101R4 Datasheet HTML 35Page - STMicroelectronics STM32F101R4 Datasheet HTML 36Page - STMicroelectronics STM32F101R4 Datasheet HTML 37Page - STMicroelectronics STM32F101R4 Datasheet HTML 38Page - STMicroelectronics STM32F101R4 Datasheet HTML 39Page - STMicroelectronics STM32F101R4 Datasheet HTML 40Page - STMicroelectronics STM32F101R4 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 87 page
background image
DocID15058 Rev 6
37/87
STM32F101x4, STM32F101x6
Electrical characteristics
86
Table 14. Maximum current consumption in Sleep mode, code running from Flash
or RAM
Symbol
Parameter
Conditions
fHCLK
Max(1)
1. Based on characterization, tested in production at VDD max and fHCLK max with peripherals enabled.
Unit
TA = 85 °C
IDD
Supply current in
Sleep mode
External clock(2) all
peripherals enabled
2. External clock is 8 MHz and PLL is on when fHCLK > 8 MHz.
36 MHz
14
mA
24 MHz
10
16 MHz
7
8 MHz
4
External clock(2), all
peripherals disabled
36 MHz
5
24 MHz
4.5
16 MHz
4
8 MHz
3
Table 15. Typical and maximum current consumptions in Stop and Standby modes
Symbol
Parameter
Conditions
Typ(1)
Max
Unit
VDD/VBAT
= 2.0 V
VDD/ VBAT
= 2.4 V
VDD/VBAT
= 3.3 V
TA =
85 °C(2)
IDD
Supply
current in
Stop mode
Regulator in Run mode,
Low-speed and high-speed internal
RC oscillators and high-speed
oscillator OFF (no independent
watchdog)
-
21.3
21.7
160
µA
Regulator in Low Power mode,
Low-speed and high-speed internal
RC oscillators and high-speed
oscillator OFF (no independent
watchdog)
-
11.3
11.7
145
Supply
current in
Standby
mode
Low-speed internal RC oscillator
and independent watchdog ON
-2.6
3.4
-
Low-speed internal RC oscillator
ON, independent watchdog OFF
-2.4
3.2
-
Low-speed internal RC oscillator
and independent watchdog OFF,
low-speed oscillator and RTC OFF
-1.7
2
3.2
IDD_VBAT
Backup
domain
supply current
Low-speed oscillator and RTC ON
0.9
1.1
1.4
1.9
1. Typical values are measured at TA = 25 °C.
2. Based on characterization, not rested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com