Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F101R4 Datasheet(PDF) 33 Page - STMicroelectronics

Part # STM32F101R4
Description  Low-density access line, ARM®-based 32 bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101R4 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STM32F101R4 Datasheet HTML 29Page - STMicroelectronics STM32F101R4 Datasheet HTML 30Page - STMicroelectronics STM32F101R4 Datasheet HTML 31Page - STMicroelectronics STM32F101R4 Datasheet HTML 32Page - STMicroelectronics STM32F101R4 Datasheet HTML 33Page - STMicroelectronics STM32F101R4 Datasheet HTML 34Page - STMicroelectronics STM32F101R4 Datasheet HTML 35Page - STMicroelectronics STM32F101R4 Datasheet HTML 36Page - STMicroelectronics STM32F101R4 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 87 page
background image
DocID15058 Rev 6
33/87
STM32F101x4, STM32F101x6
Electrical characteristics
86
Table 10. Embedded reset and power control block characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VPVD
Programmable voltage
detector level selection
PLS[2:0]=000 (rising edge)
2.1
2.18
2.26
V
PLS[2:0]=000 (falling edge)
2
2.08
2.16
PLS[2:0]=001 (rising edge)
2.19
2.28
2.37
PLS[2:0]=001 (falling edge)
2.09
2.18
2.27
PLS[2:0]=010 (rising edge)
2.28
2.38
2.48
PLS[2:0]=010 (falling edge)
2.18
2.28
2.38
PLS[2:0]=011 (rising edge)
2.38
2.48
2.58
PLS[2:0]=011 (falling edge)
2.28
2.38
2.48
PLS[2:0]=100 (rising edge)
2.47
2.58
2.69
PLS[2:0]=100 (falling edge)
2.37
2.48
2.59
PLS[2:0]=101 (rising edge)
2.57
2.68
2.79
PLS[2:0]=101 (falling edge)
2.47
2.58
2.69
PLS[2:0]=110 (rising edge)
2.66
2.78
2.9
PLS[2:0]=110 (falling edge)
2.56
2.68
2.8
PLS[2:0]=111 (rising edge)
2.76
2.88
3
PLS[2:0]=111 (falling edge)
2.66
2.78
2.9
VPVDhyst(2) PVD hysteresis
-
-
100
-
mV
VPOR/PDR
Power on/power down
reset threshold
Falling edge
1.8(1)
1. The product behavior is guaranteed by design down to the minimum VPOR/PDR value.
1.88
1.96
V
Rising edge
1.84
1.92
2.0
VPDRhyst(2) PDR hysteresis
-
-
40
-
mV
tRSTTEMPO(2)
2. Guaranteed by design, not tested in production.
Reset temporization
-
1.5
2.5
4.5
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com