Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F101R4 Datasheet(PDF) 42 Page - STMicroelectronics

Part # STM32F101R4
Description  Low-density access line, ARM®-based 32 bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101R4 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button STM32F101R4 Datasheet HTML 38Page - STMicroelectronics STM32F101R4 Datasheet HTML 39Page - STMicroelectronics STM32F101R4 Datasheet HTML 40Page - STMicroelectronics STM32F101R4 Datasheet HTML 41Page - STMicroelectronics STM32F101R4 Datasheet HTML 42Page - STMicroelectronics STM32F101R4 Datasheet HTML 43Page - STMicroelectronics STM32F101R4 Datasheet HTML 44Page - STMicroelectronics STM32F101R4 Datasheet HTML 45Page - STMicroelectronics STM32F101R4 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 87 page
background image
Electrical characteristics
STM32F101x4, STM32F101x6
42/87
DocID15058 Rev 6
5.3.6
External clock source characteristics
High-speed external user clock generated from an external source
The characteristics given in Table 19 result from tests performed using an high-speed
external clock source, and under the ambient temperature and supply voltage conditions
summarized in Table 8.
Table 18. Peripheral current consumption
Peripheral
Typical consumption at 25 °C
Unit
AHB (up to 36 MHz)
DMA1
15.97
μA/MHz
CRC
1.67
BusMatrix(1)
1. The BusMatrix is automatically active when at least one master is ON. (CPU, DMA1)
.
8.33
APB1 (up to 18 MHz)
APB1-Bridge
7.22
TIM2
33.33
TIM3
33.61
USART2
12.78
I2C1
10.83
WWDG
3.33
PWR
1.94
BKP
2.78
IWDG
1.39
APB2 (up to 36 MHz)
APB2-Bridge
3.33
GPIO A
7.50
GPIO B
6.81
GPIO C
7.22
GPIO D
6.94
SPI1
4.86
USART1
12.78
ADC1(2)
2. Specific conditions for measuring ADC current consumption: fHCLK = 28 MHz, fAPB1 = fHCLK, fAPB2 = fHCLK,
fADCCLK = fAPB2 / 2. When ADON bit in the ADC_CR2 register is set to 1, a current consumption of analog
part equal to 0.7 mA must be added.
15.54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com