Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F101R4 Datasheet(PDF) 57 Page - STMicroelectronics

Part # STM32F101R4
Description  Low-density access line, ARM®-based 32 bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101R4 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button STM32F101R4 Datasheet HTML 53Page - STMicroelectronics STM32F101R4 Datasheet HTML 54Page - STMicroelectronics STM32F101R4 Datasheet HTML 55Page - STMicroelectronics STM32F101R4 Datasheet HTML 56Page - STMicroelectronics STM32F101R4 Datasheet HTML 57Page - STMicroelectronics STM32F101R4 Datasheet HTML 58Page - STMicroelectronics STM32F101R4 Datasheet HTML 59Page - STMicroelectronics STM32F101R4 Datasheet HTML 60Page - STMicroelectronics STM32F101R4 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 87 page
background image
DocID15058 Rev 6
57/87
STM32F101x4, STM32F101x6
Electrical characteristics
86
Input/output AC characteristics
The definition and values of input/output AC characteristics are given in Figure 26 and
Table 35, respectively.
Unless otherwise specified, the parameters given in Table 35 are derived from tests
performed under the ambient temperature and VDD supply voltage conditions summarized
in Table 8.
Table 35. I/O AC characteristics(1)
1. The I/O speed is configured using the MODEx[1:0] bits. Refer to the STM32F10xxx reference manual for a
description of GPIO Port configuration register.
MODEx
[1:0] bit
value(1)
Symbol
Parameter
Conditions
Max
Unit
10
fmax(IO)out Maximum frequency(2)
2. The maximum frequency is defined in Figure 26.
CL = 50 pF, VDD = 2 V to 3.6 V
2
MHz
tf(IO)out
Output high to low level fall
time
CL = 50 pF, VDD = 2 V to 3.6 V
125(3)
3. Guaranteed by design, not tested in production.
ns
tr(IO)out
Output low to high level rise
time
125(3)
01
fmax(IO)out Maximum frequency(2)
CL= 50 pF, VDD = 2 V to 3.6 V
10
MHz
tf(IO)out
Output high to low level fall
time
CL= 50 pF, VDD = 2 V to 3.6 V
25(3)
ns
tr(IO)out
Output low to high level rise
time
25(3)
11
Fmax(IO)out Maximum Frequency(2)
CL= 30 pF, VDD = 2.7 V to 3.6 V
50
MHz
CL = 50 pF, VDD = 2.7 V to 3.6 V
30
MHz
CL = 50 pF, VDD = 2 V to 2.7 V
20
MHz
tf(IO)out
Output high to low level fall
time
CL = 30 pF, VDD = 2.7 V to 3.6 V
5(3)
ns
CL = 50 pF, VDD = 2.7 V to 3.6 V
8(3)
CL = 50 pF, VDD = 2 V to 2.7 V
12(3)
tr(IO)out
Output low to high level rise
time
CL = 30 pF, VDD = 2.7 V to 3.6
V
5(3)
CL = 50 pF, VDD = 2.7 V to 3.6 V
8(3)
CL = 50 pF, VDD = 2 V to 2.7 V
12(3)
-tEXTIpw
Pulse width of external
signals detected by the
EXTI controller
-10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com