Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F101R4 Datasheet(PDF) 47 Page - STMicroelectronics

Part # STM32F101R4
Description  Low-density access line, ARM®-based 32 bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101R4 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STM32F101R4 Datasheet HTML 43Page - STMicroelectronics STM32F101R4 Datasheet HTML 44Page - STMicroelectronics STM32F101R4 Datasheet HTML 45Page - STMicroelectronics STM32F101R4 Datasheet HTML 46Page - STMicroelectronics STM32F101R4 Datasheet HTML 47Page - STMicroelectronics STM32F101R4 Datasheet HTML 48Page - STMicroelectronics STM32F101R4 Datasheet HTML 49Page - STMicroelectronics STM32F101R4 Datasheet HTML 50Page - STMicroelectronics STM32F101R4 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 87 page
background image
DocID15058 Rev 6
47/87
STM32F101x4, STM32F101x6
Electrical characteristics
86
Figure 21. Typical application with a 32.768 kHz crystal
5.3.7
Internal clock source characteristics
The parameters given in Table 23 are derived from tests performed under the ambient
temperature and VDD supply voltage conditions summarized in Table 8.
High-speed internal (HSI) RC oscillator
ai14129b
OSC32_OU T
OSC32_IN
fLSE
CL1
RF
STM32F10xxx
32.768 KH z
resonator
Resonator with
integrated capacitors
Bias
controlled
gain
CL2
Table 23. HSI oscillator characteristics(1)
1. VDD = 3.3 V, TA = –40 to 105 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fHSI
Frequency
-
-
8
-
MHz
DuCy(HSI) Duty cycle
-
45
-
55
%
ACCHSI
Accuracy of the HSI
oscillator
User-trimmed with the RCC_CR
register(2)
2. Refer to application note AN2868 “STM32F10xxx internal RC oscillator (HSI) calibration” available from
the ST website www.st.com.
--
1(3)
3. Guaranteed by design, not tested in production.
%
Factory-
calibrated
(4) (5)
4. Based on characterization, not tested in production.
5. The actual frequency of HSI oscillator may be impacted by a reflow, but does not drift out of the specified
range.
TA = –40 to 105 °C
–2
-
2.5
%
TA = –10 to 85 °C
–1.5
-
2.2
%
TA = 0 to 70 °C
–1.3
-
2
%
TA = 25 °C
–1.1
-
1.8
%
tsu(HSI)(4)
HSI oscillator
startup time
-1
-
2
µs
IDD(HSI)(4)
HSI oscillator power
consumption
-
-
80
100
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com