Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T80 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M41T80
Description  SERIAL ACCESS RTC WITH ALARMS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T80 Datasheet(HTML) 1 Page - STMicroelectronics

  M41T80 Datasheet HTML 1Page - STMicroelectronics M41T80 Datasheet HTML 2Page - STMicroelectronics M41T80 Datasheet HTML 3Page - STMicroelectronics M41T80 Datasheet HTML 4Page - STMicroelectronics M41T80 Datasheet HTML 5Page - STMicroelectronics M41T80 Datasheet HTML 6Page - STMicroelectronics M41T80 Datasheet HTML 7Page - STMicroelectronics M41T80 Datasheet HTML 8Page - STMicroelectronics M41T80 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1/20
October 2002
M41T80
SERIAL ACCESS RTC WITH ALARMS
FEATURES SUMMARY
s
2.0 TO 5.5V CLOCK OPERATING VOLTAGE
s
COUNTERS FOR TENTHS/HUNDREDTHS
OF SECONDS, SECONDS, MINUTES,
HOURS, DAY, DATE, MONTH, YEAR, and
CENTURY
s
SERIAL INTERFACE SUPPORTS I2C BUS
(400KHz)
s
PROGRAMMABLE ALARM and INTERRUPT
FUNCTION
s
LOW OPERATING CURRENT OF 200µA
s
OPERATING TEMPERATURE OF –40 TO
85°C
Figure 1. Logic Diagram
Figure 2. 8-pin SOIC Package
Table 1. Signal Names
SCL
VCC
M41T80
VSS
SDA
F32k
IRQ/OUT/SQW
XI
XO
AI07005
XI
Oscillator Input
XO
Oscillator Output
IRQ/OUT/
SQW
Interrupt / Output Driver / Square
Wave (Open Drain)
SDA
Serial Data Input/Output
SCL
Serial Clock Input
F32k
32kHz Square Wave Output (Open
drain)
VCC
Supply Voltage
VSS
Ground
8
1
SO8 (M)


Similar Part No. - M41T80

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T80 STMICROELECTRONICS-M41T80 Datasheet
208Kb / 25P
Serial access Real Time Clock with alarm
29-Aug-2006
M41T80 STMICROELECTRONICS-M41T80 Datasheet
439Kb / 27P
Serial access real-time clock with alarm
03-Aug-2011
M41T80M6E STMICROELECTRONICS-M41T80M6E Datasheet
208Kb / 25P
Serial access Real Time Clock with alarm
29-Aug-2006
M41T80M6E STMICROELECTRONICS-M41T80M6E Datasheet
439Kb / 27P
Serial access real-time clock with alarm
03-Aug-2011
M41T80M6F STMICROELECTRONICS-M41T80M6F Datasheet
208Kb / 25P
Serial access Real Time Clock with alarm
29-Aug-2006
More results

Similar Description - M41T80

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T81 STMICROELECTRONICS-M41T81 Datasheet
389Kb / 27P
Serial Access Real-Time Clock with Alarms
Rev. 2.0
M41T315Y STMICROELECTRONICS-M41T315Y Datasheet
404Kb / 24P
Serial Access Phantom RTC Supervisor
Jun-2004
M41T62 STMICROELECTRONICS-M41T62 Datasheet
670Kb / 33P
Serial Access Real-Time Clock with Alarms
13-Nov-2003
M41T81S STMICROELECTRONICS-M41T81S Datasheet
438Kb / 29P
Serial Access Real-Time Clock with Alarms
22-Jan-2004
M41T50 STMICROELECTRONICS-M41T50 Datasheet
288Kb / 23P
Serial Access Digital Input Real-Time Clock with Alarms
12-Dec-2003
M41T62 STMICROELECTRONICS-M41T62_06 Datasheet
314Kb / 40P
Serial Access Real-Time Clock with Alarms
22-Aug-2006
M41T315Y STMICROELECTRONICS-M41T315Y_07 Datasheet
241Kb / 30P
Serial access phantom RTC supervisor
26-Nov-2007
M41T81S STMICROELECTRONICS-M41T81S_07 Datasheet
282Kb / 31P
Serial access real-time clock with alarms
22-Jan-2007
M41T66 STMICROELECTRONICS-M41T66 Datasheet
342Kb / 33P
Serial access real-time clock with alarms
22-Oct-2008
M41T81S STMICROELECTRONICS-M41T81S_12 Datasheet
507Kb / 32P
Serial access real-time clock (RTC) with alarms
16-May-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com