Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T80 Datasheet(PDF) 15 Page - STMicroelectronics

Part # M41T80
Description  SERIAL ACCESS RTC WITH ALARMS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T80 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button M41T80 Datasheet HTML 11Page - STMicroelectronics M41T80 Datasheet HTML 12Page - STMicroelectronics M41T80 Datasheet HTML 13Page - STMicroelectronics M41T80 Datasheet HTML 14Page - STMicroelectronics M41T80 Datasheet HTML 15Page - STMicroelectronics M41T80 Datasheet HTML 16Page - STMicroelectronics M41T80 Datasheet HTML 17Page - STMicroelectronics M41T80 Datasheet HTML 18Page - STMicroelectronics M41T80 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
15/20
M41T80
Table 10. Square Wave Output Frequency
Full-time 32kHz Square Wave Output
The M41T80 offers the user a special 32kHz
square wave function which defaults to output on
the F32k pin (Pin 3) as long as VCC is valid, and the
oscillator is running (ST Bit = '0'). This function is
available within four seconds of initial power-up
and can only be disabled by setting the 32kE Bit to
'0' or the ST Bit to '1.' If not used, the F32k pin
should be disconnected and allowed to float.
Note: The F32k pin is an open drain which requires
an external pull-up resistor.
Square Wave Bits
Square Wave
RS3
RS2
RS1
RS0
Frequency
Units
00
00
None
-
0
0
0
1
32.768
kHz
0
0
1
0
8.192
kHz
0
0
1
1
4.096
kHz
0
1
0
0
2.048
kHz
0
1
0
1
1.024
kHz
01
10
512
Hz
01
11
256
Hz
10
00
128
Hz
10
01
64
Hz
10
10
32
Hz
10
11
16
Hz
11
00
8
Hz
11
01
4
Hz
11
10
2
Hz
11
11
1
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com