Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T80 Datasheet(PDF) 6 Page - STMicroelectronics

Part # M41T80
Description  SERIAL ACCESS RTC WITH ALARMS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T80 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M41T80 Datasheet HTML 2Page - STMicroelectronics M41T80 Datasheet HTML 3Page - STMicroelectronics M41T80 Datasheet HTML 4Page - STMicroelectronics M41T80 Datasheet HTML 5Page - STMicroelectronics M41T80 Datasheet HTML 6Page - STMicroelectronics M41T80 Datasheet HTML 7Page - STMicroelectronics M41T80 Datasheet HTML 8Page - STMicroelectronics M41T80 Datasheet HTML 9Page - STMicroelectronics M41T80 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
M41T80
6/20
Table 5. DC Characteristics
Note: 1. Valid for Ambient Operating Temperature: TA = –40 to 85°C; VCC = 2.0 to 5.5V (except where noted).
2. At 25°C.
3. For IRQ/FT/OUT, RST, and 32kHz pins (Open Drain)
Table 6. Crystal Electrical Characteristics
Note: 1. Externally supplied if using the SO8 package. STMicroelectronics recommends the KDS DT-38: 1TA/1TC252E127, Tuning Fork
Type (thru-hole) or the DMX-26S: 1TJS125FH2A212, (SMD) quartz crystal for industrial temperature operations. KDS can be con-
tacted at kouhou@kdsj.co.jp or http://www.kdsj.co.jp for further information on this crystal type.
2. Load capacitors are integrated within the M41T80. Circuit board layout considerations for the 32.768 kHz crystal of minimum trace
lengths and isolation from RF generating signals should be taken into account.
Symbol
Parameter
Test Condition(1)
Min
Typ
Max
Unit
ILI
Input Leakage
Current
0V
≤ VIN ≤ VCC
±1
µA
ILO
Output Leakage
Current
0V
≤ VOUT ≤ VCC
±1
µA
ICC1
Supply Current
Switch Freq (SCL) = 400kHz
3.0V
30
µA
5.5V
200
µA
ICC2
(2)
Supply Current
(standby)
All Inputs = VCC – 0.2V
Switch Freq (SCL) = 0Hz
32KE = 1
or SQWE = 1
3.0V
1.8
3.0
µA
5.5V
35
µA
32KE = 0
and SQWE = 0
3.0V
1.5
2.4
µA
5.5V
31
µA
VIL
Input Low Voltage
–0.3
0.3VCC
V
VIH
Input High Voltage
0.7VCC
VCC + 0.3
V
VOL
Output Low Voltage
IOL = 3.0mA
0.4
V
Output Low Voltage
(Open Drain)(3)
IOL = 10mA
0.4
V
Sym
Parameter(1,2)
Min
Typ
Max
Units
fO
Resonant Frequency
32.768
kHz
RS
Series Resistance
60
k
CL
Load Capacitance
12.5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com