Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T80 Datasheet(PDF) 13 Page - STMicroelectronics

Part # M41T80
Description  SERIAL ACCESS RTC WITH ALARMS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T80 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M41T80 Datasheet HTML 9Page - STMicroelectronics M41T80 Datasheet HTML 10Page - STMicroelectronics M41T80 Datasheet HTML 11Page - STMicroelectronics M41T80 Datasheet HTML 12Page - STMicroelectronics M41T80 Datasheet HTML 13Page - STMicroelectronics M41T80 Datasheet HTML 14Page - STMicroelectronics M41T80 Datasheet HTML 15Page - STMicroelectronics M41T80 Datasheet HTML 16Page - STMicroelectronics M41T80 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13/20
M41T80
Table 8. TIMEKEEPER® Register Map
Keys: ST = Stop Bit
0 = Must be set to '0'
32kE = 32kHz Enable Bit
CEB = Century Enable Bit
CB = Century Bit
OUT = Output level
AFE = Alarm Flag Enable Flag
RPT1-RPT5 = Alarm Repeat Mode Bits
AF = Alarm Flag (Read only)
SQWE = Square Wave Enable
RS0-RS3 = SQW Frequency
Addr
Function/Range BCD
Format
D7
D6
D5
D4
D3
D2
D1
D0
00h
0.1 Seconds
0.01 Seconds
10s/100s
of Seconds
00-99
01h
ST
10 Seconds
Seconds
Seconds
00-59
02h
0
10 Minutes
Minutes
Minutes
00-59
03h
CEB
CB
10 Hours
Hours (24 Hour Format)
Century/
Hours
0-1/00-23
04h
0
0
0
0
0
Day of Week
Day
01-7
05h
0
0
10 Date
Date: Day of Month
Date
01-31
06h
0
0
0
10M
Month
Month
01-12
07h
10 Years
Year
Year
00-99
08h
OUT
0
0
0
00
00
Control
09h
32kE
0
0
0
0
0
0
0
32kHz
0Ah
AFE
SQWE
0
Al 10M
Alarm Month
Al Month
01-12
0Bh
RPT4
RPT5
AI 10 Date
Alarm Date
Al Date
01-31
0Ch
RPT3
0
AI 10 Hour
Alarm Hour
Al Hour
00-23
0Dh
RPT2
Alarm 10 Minutes
Alarm Minutes
Al Min
00-59
0Eh
RPT1
Alarm 10 Seconds
Alarm Seconds
Al Sec
00-59
0Fh
0
AF
0
0
0
0
0
0
Flags
10h
0
0
0
0
0
0
0
0
Reserved
11h
0
0
0
0
0
0
0
0
Reserved
12h
0
0
0
0
0
0
0
0
Reserved
13h
RS3
RS2
RS1
RS0
0
0
0
0
SQW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com