Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T80 Datasheet(PDF) 16 Page - STMicroelectronics

Part # M41T80
Description  SERIAL ACCESS RTC WITH ALARMS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T80 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M41T80 Datasheet HTML 12Page - STMicroelectronics M41T80 Datasheet HTML 13Page - STMicroelectronics M41T80 Datasheet HTML 14Page - STMicroelectronics M41T80 Datasheet HTML 15Page - STMicroelectronics M41T80 Datasheet HTML 16Page - STMicroelectronics M41T80 Datasheet HTML 17Page - STMicroelectronics M41T80 Datasheet HTML 18Page - STMicroelectronics M41T80 Datasheet HTML 19Page - STMicroelectronics M41T80 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
M41T80
16/20
Century Bit
Bits D7 and D6 of Clock Register 03h contain the
CENTURY ENABLE Bit (CEB) and the CENTURY
Bit (CB). Setting CEB to a '1' will cause CB to tog-
gle, either from a '0' to '1' or from '1' to '0' at the turn
of the century (depending upon its initial state). If
CEB is set to a '0,' CB will not toggle.
Output Driver Pin
When the AFE Bit and SQWE Bit are not set, the
IRQ/OUT/SQW pin becomes an output driver that
reflects the contents of D7 of the Control Register.
In other words, when D7 (OUT Bit) of address lo-
cation 08h is a '0,' then the IRQ/OUT/SQW pin will
be driven low.
Note: The IRQ/OUT/SQW pin is an open drain
which requires an external pull-up resistor.
Preferred Power-on Default
When powering the device up from ground (0V),
the following register bits are set to a '0' state: ST;
AFE; and SQWE. The following bits are set to a '1'
state: OUT and 32kE (see Table 11, page 16).
Table 11. Preferred Power-on Default Values
Note: 1. If VCC falls to a voltage, 0V < VCC < 2.0V, these bits should be rewritten by the user.
Condition
ST
Out
AFE
SQWE
32kE
Power-up(1)
01
00
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com