Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T80 Datasheet(PDF) 14 Page - STMicroelectronics

Part # M41T80
Description  SERIAL ACCESS RTC WITH ALARMS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T80 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M41T80 Datasheet HTML 10Page - STMicroelectronics M41T80 Datasheet HTML 11Page - STMicroelectronics M41T80 Datasheet HTML 12Page - STMicroelectronics M41T80 Datasheet HTML 13Page - STMicroelectronics M41T80 Datasheet HTML 14Page - STMicroelectronics M41T80 Datasheet HTML 15Page - STMicroelectronics M41T80 Datasheet HTML 16Page - STMicroelectronics M41T80 Datasheet HTML 17Page - STMicroelectronics M41T80 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
M41T80
14/20
Setting Alarm Clock Registers
Address locations 0Ah-0Eh contain the alarm set-
tings. The alarm can be configured to go off at a
prescribed time on a specific month, date, hour,
minute, or second or repeat every year, month,
day, hour, minute, or second.
Bits RPT5-RPT1 put the alarm in the repeat mode
of operation. Table 9, page 14 shows the possible
configurations. Codes not listed in the table default
to the once per second mode to quickly alert the
user of an incorrect alarm setting.
When the clock information matches the alarm
clock settings based on the match criteria defined
by RPT5-RPT1, the AF (Alarm Flag) is set. If AFE
(Alarm Flag Enable) is also set (and SQWE is '0.'),
the alarm condition activates the IRQ/OUT/SQW
pin.
Note: If the address pointer is allowed to incre-
ment to the Flag Register address, an alarm con-
dition will not cause the Interrupt/Flag to occur until
the address pointer is moved to a different ad-
dress. It should also be noted that if the last ad-
dress written is the “Alarm Seconds,” the address
pointer will increment to the Flag address, causing
this situation to occur.
The IRQ/OUT/SQW output is cleared by a READ
to the Flags Register as shown in Figure 13. A
subsequent READ of the Flags Register is neces-
sary to see that the value of the Alarm Flag has
been reset to '0.'
Figure 13. Alarm Interrupt Reset Waveform
Table 9. Alarm Repeat Modes
RPT5
RPT4
RPT3
RPT2
RPT1
Alarm Setting
1
1
1
1
1
Once per Second
1
1
1
1
0
Once per Minute
1
1
1
0
0
Once per Hour
1
1
0
0
0
Once per Day
1
0
0
0
0
Once per Month
0
0
0
0
0
Once per Year
IRQ/OUT/SQW
ACTIVE FLAG
0Fh
0Eh
10h
HIGH-Z
AI07021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com