Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T80 Datasheet(PDF) 3 Page - STMicroelectronics

Part # M41T80
Description  SERIAL ACCESS RTC WITH ALARMS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T80 Datasheet(HTML) 3 Page - STMicroelectronics

  M41T80 Datasheet HTML 1Page - STMicroelectronics M41T80 Datasheet HTML 2Page - STMicroelectronics M41T80 Datasheet HTML 3Page - STMicroelectronics M41T80 Datasheet HTML 4Page - STMicroelectronics M41T80 Datasheet HTML 5Page - STMicroelectronics M41T80 Datasheet HTML 6Page - STMicroelectronics M41T80 Datasheet HTML 7Page - STMicroelectronics M41T80 Datasheet HTML 8Page - STMicroelectronics M41T80 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3/20
M41T80
SUMMARY DESCRIPTION
The
M41T80
Serial
Access
TIMEKEEPER®
SRAM is a low power Serial RTC with a built-in
32.768 KHz oscillator (external crystal controlled).
Eight registers (see Table 8, page 13) are used for
the clock/calendar function and are configured in
binary coded decimal (BCD) format. An additional
12 registers provide status/control of Alarm, 32kHz
output, and Square Wave functions. Addresses
and data are transferred serially via a two line, bi-
directional I2C interface. The built-in address reg-
ister is incremented automatically after each
WRITE or READ data byte.
Functions available to the user include a time-of-
day clock/calendar, Alarm interrupts, 32kHz out-
put, and programmable Square Wave output. The
eight clock address locations contain the century,
year, month, date, day, hour, minute, second and
tenths/hundredths of a second in 24 hour BCD for-
mat. Corrections for 28, 29 (leap year - valid until
year 2100), 30 and 31 day months are made auto-
matically.
The M41T80 is supplied in an 8-pin SOIC.
Figure 3. 8-pin SOIC Connections
Note: 1. Open drain output.
Figure 4. Block Diagram
Note: 1. Open Drain output
2
3
45
6
8
7
1
IRQ/OUT/SQW(1)
SDA
SCL
VSS
XO
F32k
(1)
XI
VCC
M41T80
AI07006
REAL TIME CLOCK
CALENDAR
RTC W/ALARM
SQUARE WAVE
IRQ/OUT/SQW(1)
F32k(1)
AF
SDA
SCL
I2C
INTERFACE
32KHz
OSCILLATOR
CRYSTAL
AI07007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com