Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M491B Datasheet(PDF) 7 Page - STMicroelectronics

Part # M491B
Description  SINGLE-CHIP VOLTAGE SYNTHESIS TUNING SYSTEM WITH 1 ANALOG CONTROL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M491B Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M491B Datasheet HTML 3Page - STMicroelectronics M491B Datasheet HTML 4Page - STMicroelectronics M491B Datasheet HTML 5Page - STMicroelectronics M491B Datasheet HTML 6Page - STMicroelectronics M491B Datasheet HTML 7Page - STMicroelectronics M491B Datasheet HTML 8Page - STMicroelectronics M491B Datasheet HTML 9Page - STMicroelectronics M491B Datasheet HTML 10Page - STMicroelectronics M491B Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
V
A
D/A
Converter
VC
Varicap
VB
VB
VA
VC
down-up
Figure 6
PIN 6 : DIGITAL AFT STATUS OUTPUT
(see Figure 7)
This output shows the status of the digital AFT. It is
low when the digital AFT is enabled and it can
directly drive a LED.
The output consists of an open drain transistor.
PINS 7 & 8 : OSCILLATOR INPUT/OUTPUT
(see Figure 8)
The frequency of the clock oscillator should be
between 445 and 510kHz using a low-cost ceramic
resonator. In these conditions the value of the
reference frequency of the transmitter can be in the
same range. In other words the transmitter and the
receiver can operate with different reference fre-
quencies.
6
max. 13.2V
Figure 7
7
8
455 to
510kHz
100pF
100pF
Figure 8
PIN 9 : VDD
The supply voltage has to be comprised in the
range 4.75 to 5.25V. When it is applied an internal
power on reset of 0.5s is generated.
The memory position 1 is automatically read if the
mains on option input (Pin 25) is grounded.
PIN 10 : TEST
This pin is used for testing and has to be connected
to VSS.
PIN 11 : I.R. SIGNAL INPUT (see Figure 9)
The integrated receiver decodes signals transmit-
ted by M708, address 9.
The minimum signal to be applied is 0.5V peak-to-
peak. (AC-coupled).
The receiver input section performs the following
tests on the incoming signal to achieve the neces-
sary noise immunity :
- measurement of the pulse distance (time base
synchronization)
M491B
7/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com