Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M491B Datasheet(PDF) 13 Page - STMicroelectronics

Part # M491B
Description  SINGLE-CHIP VOLTAGE SYNTHESIS TUNING SYSTEM WITH 1 ANALOG CONTROL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M491B Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M491B Datasheet HTML 8Page - STMicroelectronics M491B Datasheet HTML 9Page - STMicroelectronics M491B Datasheet HTML 10Page - STMicroelectronics M491B Datasheet HTML 11Page - STMicroelectronics M491B Datasheet HTML 12Page - STMicroelectronics M491B Datasheet HTML 13Page - STMicroelectronics M491B Datasheet HTML 14Page - STMicroelectronics M491B Datasheet HTML 15Page - STMicroelectronics M491B Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
The volume is automatically muted for 3 seconds
after the key pressure and is immediately restored
at the release of the key.
Tuning speeds are as follows :
- FINE TUNING UP/DOWN
See description of pin 4.
- DIGITAL AFT ON
See description of pin 17.
- VOLUME UP/DOWN
See description of pin 15.
- MAINS ON/OFF
See description of pins 25 and 26.
Band
Number of Tuning Steps Second
Time 0
After 1 s
After 2 s
After 3 s
VHF I
VHF III
UHF
CATV
64
64
16
16
128
128
32
32
256
256
64
64
512
512
128
128
STORE COMMANDS
2 modes of operations are available.
a)store
b)memory addressing
In order to protect the memory, the store function
is internally disabled after one store cycle.
It is enabled after a program change or a tuning
operation (it is not disabled by the Digital AFT
control).
a) STORE. The tuning information (Tuning D/A,
Fine tuning D/A and band) is stored in a previously
selected memory address when this command is
issued.
b) MEMORY ADDRESSING. The tuning informa-
tion can also be stored with this command followed
by the memory position selection.
When this command is accepted all the memory
LEDs are blanked.
Selection of the memory position initiates the store
operations and restores the display.
MUTE ON/OFF
See description of pin 15.
PIN 25 : MAINS ON OPTION INPUT
If connected to VSS (GND) the Mains output is
automatically switched on when VDD is applied and
memory 1 is read.
If it is connected to VDD the circuit goes in stand by
condition.
PIN 26 : MAINS ON/OFF OUTPUT
Switch on of the set is controlled by the Mains on
command issued for more than 0.3 s. The output
transistor is set in the off condition to drive through
an integrated pull-up resistor, an external NPN
transistor.
+5V
Figure 15
At each Mains on command a memory read out
occurs. AVPP (+ 25 V) is required for this operation,
a 1 second delay starts when the mains output is
switched off. For a correct reading of the memory
the VPP supply voltage must reach the value of 25
V within 1 second after a Mains on command.
In case of automatic switch on at power on caused
by pin 25 at GND, the total delay is of 1.13 second
(0.13s for VDD power on reset plus 1 second for
mains on).
The Mains on/off command, if repeated, will switch
the output on (set off).
The last address information is preserved until VDD
is present.
Next Mains on command will switch the set at the
previously selected memory address and a read
operation will be performed.
PINS 27-28-29-30-33-34-35-36 :
MEMORY ADDRESS OUTPUT
These pins operate as output only for display of the
selected memory location. Max drive capability is
of 15 mA/1.2 V with the exception of pin 36 that is
of 30 mA/1.5 V.
Direct memory selection is only possible by remote
control. A local memory up/down command is avail-
able in case of emergency.
Pin 32 must be grounded.
If pin 31 is grounded, the memory position 9 to 16
are skipped in case of memory up/down com-
mands.
For normal operation pin 31 can be left open or,
better, connected to VDD.
PINS 31-32
See description of pins 27 to 30 and 33 to 36.
PINS 37-38-39-40 : BAND INPUT/OUTPUT
These outputs are provided to select up to 4 bands
via external PNPs.
If one or more bands have to be skipped, the
corresponding outputs have to be short-circuited to
VSS.
M491B
13/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com