Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M491B Datasheet(PDF) 1 Page - STMicroelectronics

Part # M491B
Description  SINGLE-CHIP VOLTAGE SYNTHESIS TUNING SYSTEM WITH 1 ANALOG CONTROL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M491B Datasheet(HTML) 1 Page - STMicroelectronics

  M491B Datasheet HTML 1Page - STMicroelectronics M491B Datasheet HTML 2Page - STMicroelectronics M491B Datasheet HTML 3Page - STMicroelectronics M491B Datasheet HTML 4Page - STMicroelectronics M491B Datasheet HTML 5Page - STMicroelectronics M491B Datasheet HTML 6Page - STMicroelectronics M491B Datasheet HTML 7Page - STMicroelectronics M491B Datasheet HTML 8Page - STMicroelectronics M491B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
M491B
SINGLE-CHIP VOLTAGE SYNTHESIS TUNING SYSTEM
WITH 1 ANALOG CONTROL
September 1992
.
16-STATION MEMORY - 7-SEGMENT LED
DISPLAY
.
VOLTAGE SYNTHESIZER : 13 BITS
.
4-BAND PRESET CAPABILITY
.
NON-VOLATILE MEMORY : 304 BITS
- 16 WORDS OF 19 BITS FOR TUNING VOLT-
AGE (13 bits) - BAND (2 bits) - FINE DETUN-
ING (4 bits)
- 10
4 MODIFY CYCLES PER WORD
- MIN 10 YEARS DATA RETENTION
.
PCM REMOTE CONTROL RECEIVER : DE-
CODES SIGNAL TRANSMITTED BY M708
.
VOLUME D/A : 6-BIT RESOLUTION / 8kHz
.
MEMORY SKIP FUNCTION
.
AUTOMATIC SEARCH WITH DIGITAL AFT
CONTROL
.
FINE DETUNING D/A ACTING ON AFT DIS-
CRIMINATOR (16 steps) WITH SEPARATE
STORAGE FOR EACH MEMORY POSITION.
ALTERNATIVELY IT CAN BE USED TO CON-
TROL BRIGHTNESS OR COLOUR SATURA-
TION
.
MANUAL SEARCH WITH DIGITAL AFT CON-
TROL
.
MANUAL SEARCH WITH LINEAR AFT
.
SWEEP SEARCH DISPLAY OUTPUT
.
SUPPLY VOLTAGES : VDD = + 5V,
VPP = + 25V FOR THE MEMORY
.
CLOCK OSCILLATOR : 445 TO 510kHz
.
INTEGRATED DIGITAL POWER ON RESET
(no external initialization circuitry required)
DIP40
(Plastic Package)
ORDER CODE : M491B1
DESCRIPTION
The M491B is a monolithic N-MOS LSI circuit in-
cluding a Floating-gate Non-Volatile Memory for
storage of up to 16 stations. Tuning of the station
is performed with a 8192 step D/A converter, using
the principle of voltage synthesis. It is designed for
7-segment LED displays. Direct memory selection
is possible only from remote control while Up/Down
memory scanning is possible on the set and also
from remote control. An option input for 8 or 16
stations is available. The circuit also includes a
PCM remote control receiver operating in conjunc-
tion with the transmitter M708. The highly reliable
transmission code ensures error-free signal detec-
tion even in presence of high noise conditions.
Search of the station is possible in automatic or
manual modes. The circuit can operate with a
Digital or Linear AFT control. The Digital AFT mode
is necessary for automatic search and requires an
external circuit (TDA4433 or equivalent, e.g. dual
comparator plus TV station detector) to convert the
AFC-S-curve into an Up/Down command. Fine tun-
ing (detuning) is also possible with different modes
of operation. The circuit is assembled in 40-pindual
in-line plastic package.
1
2
3
4
5
6
7
8
9
10
11
12
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
13
14
15
16
17
18
19
20
24
23
22
21
(GND)
MEMORY SUPPLY
MEMORY TIMING
FINE TUNING D/A
TUNING D/A
DIGITAL AFT STATUS
OSC. IN
OSC. OUT
TEST
AFT 1
AFT 2
SWEEP DISPLAY OUT
VOLUME D/A
DIGITAL AFT EN.
V3
V2
V1
X4
X3
X2
X1
MAINS ON OPTION
MAINSON/OFF
SEGM. a
SEGM. b
SEGM.c
SEGM. d
OPT. 8/16
SEGM. e
SEGM.f
SEGM. g
SEGM.h + i
UHF
CATV
VHF III
VHF I
V
S S
V
DD
V
SS
(GND)
LINEAR AFT DEF.
I.R. INPUT
PIN CONNECTIONS
1/16


Similar Part No. - M491B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M491B STMICROELECTRONICS-M491B Datasheet
1Mb / 23P
SINGLE CHIP VOLTAGE SYNTHESIS TUNING SYSTEMS WITH 1 ANALOG CONTROL
More results

Similar Description - M491B

ManufacturerPart #DatasheetDescription
logo
NEC
UPD17016 NEC-UPD17016 Datasheet
1Mb / 324P
4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DIGITAL TUNING SYSTEM HARDWARE
UPD17072 NEC-UPD17072 Datasheet
1Mb / 226P
4-BIT SINGLE-CHIP MICROCONTROLLER WITH HARDWARE FOR DIGITAL TUNING SYSTEM
UPD17933 NEC-UPD17933 Datasheet
1,022Kb / 252P
4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DIGITAL TUNING SYSTEM HARDWARE
logo
STMicroelectronics
M494 STMICROELECTRONICS-M494 Datasheet
223Kb / 22P
SINGLE-CHIP VOLTAGE TUNING SYSTEM WITH 4 ANALOG CONTROLS AND mP INTERFACE
June 1991
logo
Toshiba Semiconductor
TC9309F-107 TOSHIBA-TC9309F-107 Datasheet
159Kb / 4P
SINGLE CHIP DIGITAL TUNING SYSTEM FOR CD RADIO SYSTEM
TC9321F-006 TOSHIBA-TC9321F-006 Datasheet
180Kb / 6P
SINGLE CHIP DIGITAL TUNING SYSTEM FOR CAR CD
logo
Sanyo Semicon Device
LC75396NE SANYO-LC75396NE Datasheet
471Kb / 19P
Single-Chip Electronic Volume Control System
logo
STMicroelectronics
M490B STMICROELECTRONICS-M490B Datasheet
1Mb / 23P
SINGLE CHIP VOLTAGE SYNTHESIS TUNING SYSTEMS WITH 1 ANALOG CONTROL
logo
ATMEL Corporation
ATSAM9743 ATMEL-ATSAM9743 Datasheet
156Kb / 21P
Sound Synthesis Single-chip Music System
logo
Renesas Technology Corp
PD17012 RENESAS-PD17012_15 Datasheet
1Mb / 320P
4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DIGITAL TUNING SYSTEM HARDWARE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com