Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M491B Datasheet(PDF) 11 Page - STMicroelectronics

Part # M491B
Description  SINGLE-CHIP VOLTAGE SYNTHESIS TUNING SYSTEM WITH 1 ANALOG CONTROL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M491B Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M491B Datasheet HTML 7Page - STMicroelectronics M491B Datasheet HTML 8Page - STMicroelectronics M491B Datasheet HTML 9Page - STMicroelectronics M491B Datasheet HTML 10Page - STMicroelectronics M491B Datasheet HTML 11Page - STMicroelectronics M491B Datasheet HTML 12Page - STMicroelectronics M491B Datasheet HTML 13Page - STMicroelectronics M491B Datasheet HTML 14Page - STMicroelectronics M491B Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
1sec
LINEAR AFT
DEFEAT OUTPUT
MAN UP/DOWN
KEY PRESSED
MAN UP/DOWN
KEY RELEASED
Figure 12
PIN 16 : LINEAR AFT DEFEAT OUTPUT
This output is normally High and goes Low when a
Manual Up/Down command is issued.
It returns High with a 1 second delay from the
release of the key, in order to give the user the
possibility of the tuning adjustment without the AFT
intervention. It goes Low for 0.5s during program
change.
20
MEMORY
UP
DIGITAL
AFT ON
BAND
SEQ.
BAND
I
MEMORY
DOWN
AUTOMATIC
SEARCH
POWER
ON/OFF
BAND
III
VOLUME
UP
BAND
UHF
MAN SEARCH
DOWN
MAN SEARCH
UP
FT.
DOWN
FT.
UP
VOLUME
DOWN
BAND
CATV
19
18
AUTOMATIC
PRESET
MEMORY
ADDRESSING
STORE
MUTE
23
22
21
24
V1
V2
V3
X1
X2
X3
X4
Figure 13
PIN 17 : DIGITAL AFT ENABLE INPUT
If this input is connected to VSS (GND), the digital
AFT loop is always disabled. If pin 17 is left open
or is connected to VDD, the digital AFT is automat-
ically enabled at po wer on. When a manual
up/down search commandis issued, the digitalAFT
loop is disabled and the digital AFT status output is
inhibited.
The digital AFT loop is restored by the commands:
Digital AFT on/Automaticsearch/Automatic preset.
PINS 18-19-20-21-22-23-24 :
KEYBOARD MATRIX (see Figure 13)
A command is accepted if the corresponding con-
tact has been closed for a minimum time of 30ms.
Local input commands and I.R. commands have
the same priority.
If a complete I.R. command has been received, the
local inputs are blocked until the command has
been executed and the ”end of transmission code”
generated.
Viceversa an I.R. signal cannot be decoded until
an issued local command has been executed.
MEMORY UP/DOWN
Depressing one of these two commands, the mem-
ory position is stepped in the UP or DOWN direc-
tion.
If the key is kept closed, the channels are stepped
UP/DOWN every 0.5 second or every 5 commands
from the transmitter.
The memory locations 9 to 16 are jumped if pin 31
is at GND level.
BAND SELECTION
The bands can be selected either directly or with a
step-by-step command in the following sequence :
VHF I
CATV
VHF III
UHF
VHF I and so on
Only one band change is performed at each ac-
cepted command.
Disabled bands are automatically skipped. A band
can be disabled connecting the corresponding out-
put to VSS.
M491B
11/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com