Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M491B Datasheet(PDF) 5 Page - STMicroelectronics

Part # M491B
Description  SINGLE-CHIP VOLTAGE SYNTHESIS TUNING SYSTEM WITH 1 ANALOG CONTROL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M491B Datasheet(HTML) 5 Page - STMicroelectronics

  M491B Datasheet HTML 1Page - STMicroelectronics M491B Datasheet HTML 2Page - STMicroelectronics M491B Datasheet HTML 3Page - STMicroelectronics M491B Datasheet HTML 4Page - STMicroelectronics M491B Datasheet HTML 5Page - STMicroelectronics M491B Datasheet HTML 6Page - STMicroelectronics M491B Datasheet HTML 7Page - STMicroelectronics M491B Datasheet HTML 8Page - STMicroelectronics M491B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
40
12
5
I (mA)
Typ. max. 20msec
Typ. max. 8msec
t (ms)
Figure 2
ERASE CYCLE
Figure 3 shows the timing and the waveform of the
current flowing through Pin 2 during the erase
operation. The peak current is 7mA (max) during
the erase cycle and 6mA (max) during the read
cycle. The typical erase time is 10ms for a new
device and increases with the number of modify
operations up to 200ms after 1000 cycles.
In order to protect the memory in case of failure of
some bits the modify operation is stopped after
1sec.
READ CYCLE
Figure 4 shows the waveform of the current during
a read operation.
32 44
256
µs
6mA
7mA
128
µs
52
Figure 3
64
32 44
116
µs
256
µs
40mA
6mA
12mA
After about 30msec
Figure 1
44
6mA
128
µs
84
µs
480
µs
Figure 4
M491B
5/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com