Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M491B Datasheet(PDF) 10 Page - STMicroelectronics

Part # M491B
Description  SINGLE-CHIP VOLTAGE SYNTHESIS TUNING SYSTEM WITH 1 ANALOG CONTROL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M491B Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M491B Datasheet HTML 6Page - STMicroelectronics M491B Datasheet HTML 7Page - STMicroelectronics M491B Datasheet HTML 8Page - STMicroelectronics M491B Datasheet HTML 9Page - STMicroelectronics M491B Datasheet HTML 10Page - STMicroelectronics M491B Datasheet HTML 11Page - STMicroelectronics M491B Datasheet HTML 12Page - STMicroelectronics M491B Datasheet HTML 13Page - STMicroelectronics M491B Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
34
35
36
37
38MHz
38.8
40MHz
NORMAL AFC POSITION
t
TRANSMITTER
IDENTIFICATION
39
Pin 6
Pin 2
SEARCH
DIRECTION
SIGNALS
ON
TDA4433
SEARCH
START
FAST UP
S1
MEDIUM UP
S2 = 0.5 S1
MEDIUM DOWN
S3 = 0.25 S1
SLOW UP
S3 = 67Hz
38.8
VARICAP VOLTAGE
139.0MHz
38.8MHz
AFC
THESHOLD
DIGITAL
INFORMATION
STOP
t
IF
RESPONSE
NORMAL AFC
OPERATION
38.8
MHz
40
39
Figure 10
PIN 14 : SWEEP SEARCH DISPLAY OUTPUT
This output, which is normally Low, goes High
during automatic search automatic preset et inter-
vals of 160ms for about 40ms to blank the LED of
band display.
V
SS
BAND
LEDS
Figure 11
PIN 15 : VOLUME D/A OUTPUT
This output delivers a square wave signal of 7.8
kHz and duty cycle variable in 63 steps. In case of
a continuous command for varying the volume, the
duty cycle is changed at the rate of the transmitted
signal (approximately every 102ms with fref =
500kHz) or every 112ms if issued locally.
Overflow and underflow protection are provided.
The volume output can be switched to VSS and
reset to the previous level by means of the Mute
On/Off command. It is also reset by the Volume
Up/Down and the Mains On/Off commands.
The volume is muted for about 1s at each mains
on and off command during the power on reset time
and program change (0.5s).
At the first power on reset of VDD the volume D/A
is set at the level 21/64. The last level is preserved
until VDD is not removed.
M491B
10/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com