Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M491B Datasheet(PDF) 8 Page - STMicroelectronics

Part # M491B
Description  SINGLE-CHIP VOLTAGE SYNTHESIS TUNING SYSTEM WITH 1 ANALOG CONTROL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M491B Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M491B Datasheet HTML 4Page - STMicroelectronics M491B Datasheet HTML 5Page - STMicroelectronics M491B Datasheet HTML 6Page - STMicroelectronics M491B Datasheet HTML 7Page - STMicroelectronics M491B Datasheet HTML 8Page - STMicroelectronics M491B Datasheet HTML 9Page - STMicroelectronics M491B Datasheet HTML 10Page - STMicroelectronics M491B Datasheet HTML 11Page - STMicroelectronics M491B Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Figure 9
M491B
R
C
TDA2320
or TDA8160
Supply Voltage of
TDA2320
R
C
5
12
2.2k
10k
4.7nF
4.7nF
M491B REMOTE CONTROL RECEIVER TRUTH TABLE. Transmitter M708 ; Address Code 9
Command
Number
I.R. Code
Function
C1
C2
C3
C4
C5
C6
0
0
0
0
0
0
0
End to Transmission
1
2
3
4
5
6
1
1
0
1
0
1
0
1
0
0
1
1
0
0
1
1
1
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Power On/Off
Mute On/Off
Memory 1
Memory 2
Memory 3
Memory 4
7
8
9
10
11
12
1
1
0
1
0
1
0
1
0
0
1
1
0
0
1
1
1
1
0
0
0
0
0
0
1
1
1
1
1
1
0
0
0
0
0
0
Fine Detuning Up
Fine Detuning Down
Memory 5
Memory 6
Memory 7
Memory 8
13
14
15
16
17
18
1
1
0
1
0
1
0
1
0
0
1
1
0
0
1
1
1
1
0
0
0
0
0
0
0
0
0
0
0
0
1
1
1
1
1
1
Memory Up
Memory Down
Memory 9
Memory 10
Memory 11
Memory 12
19
20
21
22
23
24
1
1
0
1
0
1
0
1
0
0
1
1
0
0
1
1
1
1
0
0
0
0
0
0
1
1
1
1
1
1
1
1
1
1
1
1
Manual Search Up
Manual Search Down
Memory 13
Memory 14
Memory 15
Memory 16
25
26
27
28
29
30
1
1
0
1
0
1
0
1
0
0
1
1
0
0
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
Volume Up
Volume Down
Memory Addressing
Digital AFT On
Band Sequential
Automatic Search
}Mute
- check of the position of the received bits opening
window at the time bases
- check of the parity bit
- check of the absenceof pulses between the parity
bit and the stop pulse
- check of noise level ; the receiver checks parasitic
transients inside and outside the time windows.
If the above test conditions are not fulfilled, the
received word is rejected and not decoded. If the
received signal is acknowledged as a valid word it
is stored an decoded.
The end of transmission will be acknowledged by
receiving the end of transmission code or by means
of an internal timer if the transmission remains
interrupted for more than about 550ms.
PINS 12 & 13 : AFT1-AFT2 (STOP/AFT INPUTS)
These pins are enabled during the automatic
search and during normal operation, when the
digital AFT is enabled (see description of Pin 17).
The STOP/AFT inputs are also disabled internally
during any program or band change for the duration
of the Mute signal.
M491B
8/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com