Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MUL1-R4 Datasheet(PDF) 22 Page - ABB

Part # MUL1-R4
Description  ABB general purpose drives ACS310 0.37 to 22 kW/0.5 to 30 hp Catalog
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

MUL1-R4 Datasheet(HTML) 22 Page - ABB

Back Button MUL1-R4 Datasheet HTML 18Page - ABB MUL1-R4 Datasheet HTML 19Page - ABB MUL1-R4 Datasheet HTML 20Page - ABB MUL1-R4 Datasheet HTML 21Page - ABB MUL1-R4 Datasheet HTML 22Page - ABB MUL1-R4 Datasheet HTML 23Page - ABB MUL1-R4 Datasheet HTML 24Page - ABB MUL1-R4 Datasheet HTML 25Page - ABB MUL1-R4 Datasheet HTML 26Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
22 ABB general purpose drives ACS310 | Catalog
Options
External
A separate order line and type designation is required for
any of these external options.
EMC filters
The ACS310’s internal EMC filter is designed to meet category
C3 requirements of EN/IEC 61800-3 standard. External
EMC filters are used to enhance the drives electromagnetic
performance in conjunction with its internal filtering. Maximum
motor cable length depends on required electromagnetic
performance, according to the table below.
Low leakage current filters
Low leakage current filters are ideal for installations where
residual current devices (RCD) are required and leakage
current needs to be below 30 mA.
Type
designation
ACS310-
Frame
size
Filter
type
Cable length1)
with external EMC
filter
Cable length1)
without external
EMC filter
C1
[m]
C2
[m]
C3
[m]
C3
[m]
C4
[m]
1-phase AC supply, 200 to 240 V
01X-02A4-2
R0
RFI-11
10
30
-
30
30
01X-04A7-2
R1
RFI-12
10
30
50
30
50
01X-06A7-2
R1
RFI-12
10
30
50
30
50
01X-07A5-2
R2
RFI-13
10
30
50
30
50
01X-09A8-2
R2
RFI-13
10
30
50
30
50
3-phase AC supply, 200 to 240 V
03X-02A6-2
R0
RFI-32
10
30
-
30
30
03X-03A9-2
R0
RFI-32
10
30
-
30
30
03X-05A2-2
R1
RFI-32
10
30
50
30
50
03X-07A4-2
R1
RFI-32
10
30
50
30
50
03X-08A3-2
R1
RFI-32
10
30
50
30
50
03X-10A8-2
R2
RFI-32
10
30
50
30
50
03X-14A6-2
R2
RFI-33
10
30
50
30
50
03X-19A4-2
R2
RFI-33
10
30
50
30
50
03X-26A8-2
R3
RFI-34
10
30
50
30
50
03X-34A1-2
R4
RFI-34
10
30
50
30
50
03X-50A8-2
R4
RFI-34
10
30
50
30
50
3-phase AC supply, 380 to 480 V
03X-01A3-4
R0
RFI-32
30
30
-
30
30
03X-02A1-4
R0
RFI-32
30
30
-
30
30
03X-02A6-4
R1
RFI-32
50
50
50
30
50
03X-03A6-4
R1
RFI-32
50
50
50
30
50
03X-04A5-4
R1
RFI-32
50
50
50
30
50
03X-06A2-4
R1
RFI-32
50
50
50
30
50
03X-08A0-4
R1
RFI-32
50
50
50
30
50
03X-09A7-4
R1
RFI-32
50
50
50
30
50
03X-13A8-4
R3
RFI-33
40
40
40
30
50
03X-17A2-4
R3
RFI-33
40
40
40
30
50
03X-25A4-4
R3
RFI-33
40
40
40
30
50
03X-34A1-4
R4
RFI-34
-
30
-
30
50
03X-41A8-4
R4
RFI-34
-
30
-
30
50
03X-48A4-4
R4
RFI-34
-
30
-
30
50
1) Internal EMC filter must be disconnected by removing the EMC screw from
the drive.
Type
designation
ACS310-
Frame
size
Filter type
Cable length1)
with LRFI filter
C2
[m]
Low leakage current filters, 3-phase AC supply, 400 V
03X-01A3-4
R0
LRFI-31
10
03X-02A1-4
R0
LRFI-31
10
03X-02A6-4
R1
LRFI-31
10
03X-03A6-4
R1
LRFI-31
10
03X-04A5-4
R1
LRFI-31
10
03X-06A2-4
R1
LRFI-31
10
03X-08A0-4
R1
LRFI-32
10
03X-09A7-4
R1
LRFI-32
10
EMC standards in general
EN 61800-3
(2004),
product
standard
EN 55011, product
family standard for
industrial, scientific
and medical (ISM)
equipment
EN 61800-3/A11 (2000),
product standard
Category C1
Group 1
Class B
1st environment,
unrestricted distribution
Category C2
Group 1
Class A
1st environment, restricted
distribution
Category C3
Group 2
Class A
2nd environment,
unrestricted distribution
Category C4
Not applicable
2nd environment, restricted
distribution
1) Internal EMC filter must be connected with the EMC screw in the drive.
When the filter is not connected the C4 maximum cable lengths are allowed
to be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com