Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MUL1-R4 Datasheet(PDF) 23 Page - ABB

Part # MUL1-R4
Description  ABB general purpose drives ACS310 0.37 to 22 kW/0.5 to 30 hp Catalog
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

MUL1-R4 Datasheet(HTML) 23 Page - ABB

Back Button MUL1-R4 Datasheet HTML 19Page - ABB MUL1-R4 Datasheet HTML 20Page - ABB MUL1-R4 Datasheet HTML 21Page - ABB MUL1-R4 Datasheet HTML 22Page - ABB MUL1-R4 Datasheet HTML 23Page - ABB MUL1-R4 Datasheet HTML 24Page - ABB MUL1-R4 Datasheet HTML 25Page - ABB MUL1-R4 Datasheet HTML 26Page - ABB MUL1-R4 Datasheet HTML 27Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
Catalog | ABB general purpose drives ACS310 23
Compact AC500-eCo PLC with ACS310
ABB’s Programmable Logic Controller AC500-eCo can be
used for controlling and monitoring the system, for
applications that require complex control logic and when
several drives are connected together through Modbus
link.
Easy commissioning and fast startup
Additionally SREA-01 Ethernet adapter offers Modbus TCP
to Modbus RTU gateway functionality which enables Modbus
TCP connectivity to ACS310. Please refer to SREA-01 user’s
guide for more detailed information.
Compact design saves installation space
− The compact size of the PLC and drive provides
flexibility when integrating into existing or new system
designs.
− AC500-eCo is an economical, entry level PLC for
stand-alone solutions and equipment control. It saves
space due to onboard digital and analog I/O. AC500-eCo is
easy to program and provides six programming languages.
Flexible system expansion
When the system requirements expand, ABB’s wide product
range provides a flexible and cost-efficient way to meet the
system’s growing needs.
AC500-eCo belongs to the AC500 PLC platform. AC500 is
a scalable and modular platform which can be combined
and flexibly expanded to suit either decentralized or
centralized configurations.
Automation Builder, the programming tool for AC500, is
based on IEC 61131-3 standard. Automation Builder is
used for the entire AC500 PLC platform. Automation
Builder easily allows to change the CPU in an existing
configuration to fit the CPU type to the performance
need of the application.
Ready-made communication and control blocks for
AC500-eCo and AC500 PLC range are available,
supporting a wide range of ABB’s low voltage AC drives.
Benefits
− Control of a motor in minutes
− Cost-efficient system expansion, since the same
application program can be used for the entire AC500
PLC platform
− Fast commissioning with ready-made Modbus macro.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com