Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MUL1-R4 Datasheet(PDF) 11 Page - ABB

Part # MUL1-R4
Description  ABB general purpose drives ACS310 0.37 to 22 kW/0.5 to 30 hp Catalog
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

MUL1-R4 Datasheet(HTML) 11 Page - ABB

Back Button MUL1-R4 Datasheet HTML 7Page - ABB MUL1-R4 Datasheet HTML 8Page - ABB MUL1-R4 Datasheet HTML 9Page - ABB MUL1-R4 Datasheet HTML 10Page - ABB MUL1-R4 Datasheet HTML 11Page - ABB MUL1-R4 Datasheet HTML 12Page - ABB MUL1-R4 Datasheet HTML 13Page - ABB MUL1-R4 Datasheet HTML 14Page - ABB MUL1-R4 Datasheet HTML 15Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Catalog | ABB general purpose drives ACS310 11
Cooling
ACS310 is fitted with cooling fans as standard. The cooling
air must be free from corrosive substances and must not be
above the maximum ambient temperature of 50 °C. For more
specific limits see the Technical data - Environmental limits in
this catalog.
X within the type designation stands for E or U.
1) BTU/hr = British Thermal Unit per hour. BTU/hr is approximately 0.293 Watts.
2) Frame size R0 with free convection cooling.
Free space requirements
Enclosure type
Space above
mm
Space below
mm
Space on left/right
mm
All frame sizes
75
75
0
Cooling air flow
Type designation
Frame
size
Heat dissipation
Air flow
[W]
BTU/hr1)
m
3/h
ft
3/min
1-phase AC supply, 200 to 240 V
ACS310-01X-02A4-2
R0
48
163
-
2)
-
2)
ACS310-01X-04A7-2
R1
72
247
24
14
ACS310-01X-06A7-2
R1
97
333
24
14
ACS310-01X-07A5-2
R2
101
343
21
12
ACS310-01X-09A8-2
R2
124
422
21
12
3-phase AC supply, 200 to 240 V
ACS310-03X-02A6-2
R0
42
142
-
2)
-
2)
ACS310-03X-03A9-2
R0
54
183
-
2)
-
2)
ACS310-03X-05A2-2
R1
64
220
24
14
ACS310-03X-07A4-2
R1
86
295
24
14
ACS310-03X-08A3-2
R1
88
302
21
12
ACS310-03X-10A8-2
R2
111
377
21
12
ACS310-03X-14A6-2
R2
140
476
52
31
ACS310-03X-19A4-2
R2
180
613
52
31
ACS310-03X-26A8-2
R3
285
975
71
42
ACS310-03X-34A1-2
R4
328
1119
96
57
ACS310-03X-50A8-2
R4
488
1666
96
57
3-phase AC supply, 380 to 480 V
ACS310-03X-01A3-4
R0
35
121
-
2)
-
2)
ACS310-03X-02A1-4
R0
40
138
-
2)
-
2)
ACS310-03X-02A6-4
R1
50
170
13
8
ACS310-03X-03A6-4
R1
60
204
13
8
ACS310-03X-04A5-4
R1
69
235
13
8
ACS310-03X-06A2-4
R1
90
306
19
11
ACS310-03X-08A0-4
R1
107
364
24
14
ACS310-03X-09A7-4
R1
127
433
24
14
ACS310-03X-13A8-4
R3
161
551
52
31
ACS310-03X-17A2-4
R3
204
697
52
31
ACS310-03X-25A4-4
R3
301
1029
71
42
ACS310-03X-34A1-4
R4
408
1393
96
57
ACS310-03X-41A8-4
R4
498
1700
96
57
ACS310-03X-48A4-4
R4
588
2007
96
57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com