Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MUL1-R4 Datasheet(PDF) 14 Page - ABB

Part # MUL1-R4
Description  ABB general purpose drives ACS310 0.37 to 22 kW/0.5 to 30 hp Catalog
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

MUL1-R4 Datasheet(HTML) 14 Page - ABB

Back Button MUL1-R4 Datasheet HTML 10Page - ABB MUL1-R4 Datasheet HTML 11Page - ABB MUL1-R4 Datasheet HTML 12Page - ABB MUL1-R4 Datasheet HTML 13Page - ABB MUL1-R4 Datasheet HTML 14Page - ABB MUL1-R4 Datasheet HTML 15Page - ABB MUL1-R4 Datasheet HTML 16Page - ABB MUL1-R4 Datasheet HTML 17Page - ABB MUL1-R4 Datasheet HTML 18Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
14 ABB general purpose drives ACS310 | Catalog
Control program example
One of the ACS310’s integrated pump and fan features is
soft pump and fan control (SPFC), which is used for pump
and fan alternation applications where lower pressure
peaks are desirable when a new auxiliary motor is
connected on-line.The following example explains how
ACS310 can operate up to 4 to 5 pumps or fans in parallel
based on the capacity demand. In this example, we use
three parallel pumps to maintain the water pressure in the
pipelines.
The drive controls the motor of pump 1, varying the motor
speed to control the pump capacity. This motor is the
speed regulated motor. When the demand exceeds that of the
first motor’s, the drive automaticly starts an auxiliary pump.
The speed of the first pump is adjusted so that the actual
value follows the process reference.
Parameter settings
Before starting the configuration, ensure that the drive has
been installed properly and that the electrical connections are
complete. Connection example can be found from ACS310
User’s manual.
Startup data
The correct motor parameters are set within parameter group
99. Then select SPFC control macro using parameter 9902.
This software macro updates the defined list of parameter
values to their default values.
Pump and fan control parameters
Parameters can be found in parameter group 81. First change
Short menu to to Long from parameter 1611 in group 16. This
shows the full parameter group list including group 81.
Frequency limits to start and stop auxiliary motors
Parameter 8109 START FREQ 1 is set to 50 Hz, which is
also the default value. Since we have in this example also
another auxiliary motor, parameter 8110 START FREQ 2
is set to 50 Hz for the second auxiliary motor.
To stop an axiliary motor we set parameters 8112 LOW
FREQ 1 and 8113 LOW FREQ 2 to 25 Hz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com