Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4909 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TS4909
Description  Dual mode low power 150mW stereo headphone amplifier with capacitor-less and single-ended outputs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4909 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TS4909 Datasheet HTML 9Page - STMicroelectronics TS4909 Datasheet HTML 10Page - STMicroelectronics TS4909 Datasheet HTML 11Page - STMicroelectronics TS4909 Datasheet HTML 12Page - STMicroelectronics TS4909 Datasheet HTML 13Page - STMicroelectronics TS4909 Datasheet HTML 14Page - STMicroelectronics TS4909 Datasheet HTML 15Page - STMicroelectronics TS4909 Datasheet HTML 16Page - STMicroelectronics TS4909 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
TS4909
Electrical characteristics
13/32
Figure 26.
THD+N vs. frequency
Figure 27.
THD+N vs. frequency
100
1k
10k
0.01
0.1
1
Vcc=5V
Po=90mW
Vcc=3V
Po=40mW
20k
20
Vcc=2.6V
Po=30mW
Single Ended
RL=16
Ω,Av=-1
BW=20Hz-120kHz
T
AMB
=25°C
Frequency (Hz)
0.002
100
1k
10k
0.01
0.1
1
Vcc=5V
Po=60mW
Vcc=3V
Po=25mW
20k
20
Vcc=2.6V
Po=20mW
Single Ended
RL=32
Ω, Av=-1
BW=20Hz-120kHz
T
AMB
=25°C
Frequency (Hz)
0.002
Figure 28.
THD+N vs. frequency
Figure 29.
THD+N vs. frequency
100
1k
10k
0.01
0.1
1
Vcc=5V
Po=90mW
Vcc=3V
Po=40mW
20k
20
Vcc=2.6V
Po=30mW
Phantom Ground
RL=16
Ω, Av=-4
BW=20Hz-120kHz
T
AMB
=25°C
Frequency (Hz)
0.005
100
1k
10k
0.01
0.1
1
Vcc=5V
Po=60mW
Vcc=3V
Po=25mW
20k
20
Vcc=2.6V
Po=20mW
Phantom Ground
RL=32
Ω, Av=-4
BW=20Hz-120kHz
T
AMB
=25°C
Frequency (Hz)
0.002
Figure 30.
THD+N vs. frequency
Figure 31.
THD+N vs. frequency
100
1k
10k
0.01
0.1
1
Vcc=5V
Po=90mW
Vcc=3V
Po=40mW
20k
20
Vcc=2.6V
Po=30mW
Single Ended
RL=16
Ω, Av=-4
BW=20Hz-120kHz
T
AMB
=25°C
Frequency (Hz)
0.005
100
1k
10k
0.01
0.1
1
Vcc=5V
Po=60mW
Vcc=3V
Po=25mW
20k
20
Vcc=2.6V
Po=20mW
Single Ended
RL=32
Ω, Av=-4
BW=20Hz-120kHz
T
AMB
=25°C
Frequency (Hz)
0.002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com