Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4909 Datasheet(PDF) 27 Page - STMicroelectronics

Part # TS4909
Description  Dual mode low power 150mW stereo headphone amplifier with capacitor-less and single-ended outputs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4909 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button TS4909 Datasheet HTML 23Page - STMicroelectronics TS4909 Datasheet HTML 24Page - STMicroelectronics TS4909 Datasheet HTML 25Page - STMicroelectronics TS4909 Datasheet HTML 26Page - STMicroelectronics TS4909 Datasheet HTML 27Page - STMicroelectronics TS4909 Datasheet HTML 28Page - STMicroelectronics TS4909 Datasheet HTML 29Page - STMicroelectronics TS4909 Datasheet HTML 30Page - STMicroelectronics TS4909 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
TS4909
Application information
27/32
4.6
Wake-up time
When the standby is released to turn the device ON, the bypass capacitor Cb is charged
immediately. As Cb is directly linked to the bias of the amplifier, the bias will not work
properly until the Cb voltage is correct. The time to reach this voltage plus a time delay of
40ms (pop precaution) is called the wake-up time or tWU. It is specified in the electrical
characteristics tables with Cb=1µF (see Section 3: Electrical characteristics on page 5).
If Cb has a value other than 1µF, you can calculate tWU by using the following formulas, or
read it directly from the graph in Figure 82.
●
Single-ended configuration
●
Phantom ground configuration
Figure 82.
Typical wake-up time vs. bypass capacitance
Note:
It is assumed the Cb voltage is equal to 0 V. If the Cb voltage is not equal 0 V, the wake-up
time is lower.
4.7
Pop performance
Pop performance in the phantom ground configuration is closely linked with the size of the
input capacitor Cin. The size of Cin is dependent on the lower cut-off frequency and PSRR
values requested.
In order to reach low pop, Cin must be charged to VCC/2 in less than 40ms. To follow this
rule, the equivalent input constant time (RinCin) should be less then 8ms:
τ in = Rin xCin <0.008 s
By following the previous rules, the TS4909 can reach low pop even with a high gain such as
20dB.
t
WU
Cb
2.5
⋅
0.042
-----------------------
40
[ms;
μF ]
+
=
t
WU
Cb
2.5
⋅
0.417
-----------------------
40
[ms;
μF ]
+
=
012
345
0
50
100
150
200
250
300
350
T
AMB
=25°C
Phantom Ground
Cb
(
μF)
Single Ended



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com