Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4909 Datasheet(PDF) 14 Page - STMicroelectronics

Part # TS4909
Description  Dual mode low power 150mW stereo headphone amplifier with capacitor-less and single-ended outputs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4909 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TS4909 Datasheet HTML 10Page - STMicroelectronics TS4909 Datasheet HTML 11Page - STMicroelectronics TS4909 Datasheet HTML 12Page - STMicroelectronics TS4909 Datasheet HTML 13Page - STMicroelectronics TS4909 Datasheet HTML 14Page - STMicroelectronics TS4909 Datasheet HTML 15Page - STMicroelectronics TS4909 Datasheet HTML 16Page - STMicroelectronics TS4909 Datasheet HTML 17Page - STMicroelectronics TS4909 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
Electrical characteristics
TS4909
14/32
Figure 32.
Output power vs. power supply
voltage
Figure 33.
Output power vs. power supply
voltage
23
45
6
0
40
80
120
160
200
240
THD+N=1%
Phantom Ground
RL=16
Ω , F=1kHz
Av=-1, T
AMB
=25°C
BW=20Hz-120kHz
Power Supply Voltage (V)
THD+N=10%
23
4
5
6
0
20
40
60
80
100
120
140
THD+N=1%
Phantom Ground
RL=32
Ω , F=1kHz
Av=-1, T
AMB
=25°C
BW=20Hz-120kHz
Power Supply Voltage (V)
THD+N=10%
Figure 34.
Output power vs. power supply
voltage
Figure 35.
Output power vs. power supply
voltage
23
45
6
0
40
80
120
160
200
240
THD+N=1%
Single Ended
RL=16
Ω , F=1kHz
Av=-1, T
AMB
=25°C
BW=20Hz-120kHz
Power Supply Voltage (V)
THD+N=10%
23
4
5
6
0
20
40
60
80
100
120
140
THD+N=1%
Single Ended
RL=32
Ω , F=1kHz
Av=-1, T
AMB
=25°C
BW=20Hz-120kHz
Power Supply Voltage (V)
THD+N=10%
Figure 36.
Output power vs. load resistance
Figure 37.
Output power vs. load resistance
16
32
48
64
80
96
0
10
20
30
40
50
THD+N=10%
Phantom Ground
Vcc=2.6V, F=1kHz
Av=-1, T
AMB
=25°C
BW=20Hz-120kHz
Load Resistance (
Ω)
THD+N=1%
16
32
48
64
80
96
0
10
20
30
40
50
THD+N=10%
Single Ended
Vcc=2.6V, F=1kHz
Av=-1, T
AMB
=25°C
BW=20Hz-120kHz
Load Resistance (
Ω)
THD+N=1%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com