Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4909 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS4909
Description  Dual mode low power 150mW stereo headphone amplifier with capacitor-less and single-ended outputs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4909 Datasheet(HTML) 1 Page - STMicroelectronics

  TS4909 Datasheet HTML 1Page - STMicroelectronics TS4909 Datasheet HTML 2Page - STMicroelectronics TS4909 Datasheet HTML 3Page - STMicroelectronics TS4909 Datasheet HTML 4Page - STMicroelectronics TS4909 Datasheet HTML 5Page - STMicroelectronics TS4909 Datasheet HTML 6Page - STMicroelectronics TS4909 Datasheet HTML 7Page - STMicroelectronics TS4909 Datasheet HTML 8Page - STMicroelectronics TS4909 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
September 2007
Rev 8
1/32
32
TS4909
Dual mode low power 150mW stereo headphone amplifier
with capacitor-less and single-ended outputs
Features
No output coupling capacitors necessary
Pop-and-click noise reduction circuitry
Operating from VCC = 2.2V to 5.5V
Standby mode active low
Output power:
– 158mW @5V, into 16
Ω with 1% THD+N
max (1kHz)
– 52mW @3.0V into 16
Ω with 1% THD+N
max (1kHz)
Ultra low current consumption: 2.0mA typ.@3V
Ultra low standby consumption: 10nA typ.
High signal-to-noise ratio: 105 dB typ.@5V
High crosstalk immunity: 110dB (F=1kHz) for
single-ended outputs
PSRR: 72dB (F=1kHz), inputs grounded, for
phantom ground outputs
Low tWU: 50ms in PHG mode, 100ms in SE mode
Available in lead-free DFN10 3x3mm
Applications
Headphone amplifier
Mobile phone
PDA, portable audio player
Description
The TS4909 is a stereo audio amplifier designed
to drive headphones in portable applications.
The integrated phantom ground is a circuit
topology that eliminates the heavy output coupling
capacitors. This is of primary importance in
portable applications where space constraints are
very high. A single-ended configuration is also
available, offering even lower power consumption
because the phantom ground can be switched off.
Pop-and-click noise during switch-on and switch-
off phases is eliminated by integrated circuitry.
Specially designed for applications requiring low
power supplies, the TS4909 is capable of
delivering 31mW of continuous average power
into a 32
Ω load with less than 1% THD+N from a
3V power supply.
Featuring an active low standby mode, the
TS4909 reduces the supply current to only 10nA
(typ.). The TS4909 is unity gain stable and can be
configured by external gain-setting resistors.
Pin connections (top view)
DFN10 (3x3)
1
2
3
4
7
10
9
8
5
6
1
2
3
4
7
10
9
8
5
6
Vin1
Vin2
Stdby
Bypass
SE/PHG
Vdd
Vout1
Vout3
Vout2
Gnd
Vin1
Vin2
BIAS
Gnd
Vout1
Vout2
Vout3
Stdby
SE/PHG
Functional block diagram
Bypass
Vdd
www.st.com


Similar Part No. - TS4909

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4909 STMICROELECTRONICS-TS4909 Datasheet
585Kb / 35P
Dual mode low power 150 mW stereo headphone amplifier with capacitor-less and single-ended outputs
14-Jan-2013
TS4909IQT STMICROELECTRONICS-TS4909IQT Datasheet
585Kb / 35P
Dual mode low power 150 mW stereo headphone amplifier with capacitor-less and single-ended outputs
14-Jan-2013
TS4909 STMICROELECTRONICS-TS4909_V01 Datasheet
585Kb / 35P
Dual mode low power 150 mW stereo headphone amplifier with capacitor-less and single-ended outputs
14-Jan-2013
More results

Similar Description - TS4909

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4910 NSC-LM4910 Datasheet
828Kb / 22P
Output Capacitor-less Stereo 35mW Headphone Amplifier
logo
Anachip Corp
AP4809 ANACHIP-AP4809 Datasheet
234Kb / 9P
Stereo Headphone Amplifier With Shutdown Mode
Rev. 1.0 Sep 29, 2004
logo
Eutech Microelectronics...
EUA6210 EUTECH-EUA6210 Datasheet
452Kb / 10P
Output Capacitor-less 67mW Stereo Headphone Amplifier
logo
Princeton Technology Co...
PT2338 PTC-PT2338 Datasheet
234Kb / 3P
150mW Stereo Audio Power Amplifier
logo
Protek Devices
PA5155 PROTEC-PA5155 Datasheet
734Kb / 27P
Low Power Stereo Audio CODEC With Headphone Amplifier
PA5750 PROTEC-PA5750 Datasheet
300Kb / 30P
Low Power Stereo Audio CODEC With Speaker and Headphone Amplifier.
logo
SHANGHAI BELLING CO., L...
BL4863TS BELLING-BL4863TS Datasheet
433Kb / 11P
Stereo headphone amplifier mode
logo
Shenzhenshi YONGFUKANG ...
CSC4863 YONGFUKANG-CSC4863 Datasheet
369Kb / 4P
Dual channel audio power amplifier with stereo headphone mode
HT4863 YONGFUKANG-HT4863 Datasheet
553Kb / 17P
2.2W Dual Channel Audio Power Amplifier with Stereo Headphone Output Mode
logo
Maxim Integrated Produc...
MAX9729 MAXIM-MAX9729_V01 Datasheet
2Mb / 27P
Stereo Headphone Amplifier with BassMax, Stereo Headphone Amplifier with BassMax,
19-0857; Rev 1; 5/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com