Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4909 Datasheet(PDF) 28 Page - STMicroelectronics

Part # TS4909
Description  Dual mode low power 150mW stereo headphone amplifier with capacitor-less and single-ended outputs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4909 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button TS4909 Datasheet HTML 24Page - STMicroelectronics TS4909 Datasheet HTML 25Page - STMicroelectronics TS4909 Datasheet HTML 26Page - STMicroelectronics TS4909 Datasheet HTML 27Page - STMicroelectronics TS4909 Datasheet HTML 28Page - STMicroelectronics TS4909 Datasheet HTML 29Page - STMicroelectronics TS4909 Datasheet HTML 30Page - STMicroelectronics TS4909 Datasheet HTML 31Page - STMicroelectronics TS4909 Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
Application information
TS4909
28/32
Example calculation:
With Rin =20kΩ and FCL = 20Hz, -3db low cut-off frequency, Cin = 398nF. So, Cin = 390nF
with standard value which gives a lower cut-off frequency equal to 20.4Hz.
In this case,
τ in = Rin xCin =7.8ms
This value is sufficient with regards to the previous formula, so we can state that the pop will
be imperceptible.
Connecting the headphones
Generally headphones are connected using a jack connector. To prevent pop in the
headphones while plugging in the jack, a pulldown resistor should be connected in parallel
with each headphone output. This allows the capacitors Cout to be charged even when no
headphones are plugged in.
A resistor of 1 k
Ω is high enough to be a negligible load, and low enough to charge the
capacitors Cout in less than one second.
4.8
Standby mode
When the TS4909 is in standby mode, the time required to put the output stages (Vout1,
Vout2 and Vout3) into a high impedance state with reference to ground, and the internal
circuitry in standby mode, is a few microseconds.
Figure 83.
Internal equivalent circuit schematics of the TS4909 in standby mode
25K
25K
1M
1M
Vin1
BYPASS
Vin2
Vout1
Vout2
GND
Vout3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com